Electronic Components Datasheet Search
  English  ▼

X  

AN3338 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3338
Description  In recent years the variable speed motor control market has required high performance
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3338 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3338 Datasheet HTML 3Page - STMicroelectronics AN3338 Datasheet HTML 4Page - STMicroelectronics AN3338 Datasheet HTML 5Page - STMicroelectronics AN3338 Datasheet HTML 6Page - STMicroelectronics AN3338 Datasheet HTML 7Page - STMicroelectronics AN3338 Datasheet HTML 8Page - STMicroelectronics AN3338 Datasheet HTML 9Page - STMicroelectronics AN3338 Datasheet HTML 10Page - STMicroelectronics AN3338 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
Doc ID 18441 Rev 4
7/72
AN3338
Inverter design concept and SLLIMM solution
72
1.1
Product synopsis
The SLLIMM family has been designed to satisfy the requirements of a wide range of final
applications in the range of 300 W - 2.0 kW, such as:
•
washing machines
•
dish washers
•
refrigerators
•
air conditioning compressor drives
•
sewing machines
•
pumps
•
tools
•
low power industrial applications
The main features and integrated functions can be summarized as follows:
•
600 V, 10 - 30 A ratings
•
3-phase IGBT inverter bridge including:
–
six low-loss and short-circuit protected IGBTs
–
six low forward voltage drop and soft recovery freewheeling diodes
•
three control ICs for gate driving and protection including:
–
smart shutdown function
–
comparator for fault protection against overcurrent and short-circuit
–
op amps for advanced current sensing
–
three integrated bootstrap diodes
–
interlocking function
–
undervoltage lockout
Figure 2. Discrete-based inverter vs. SLLIMM solution comparison
Easy layout
and design
Reduced EMI
and noise
High quality
and reliability
Improve
Efficiency
Advanced
protection
function
Reduce total
system cost
Passive components:
Diodes
Resistors
Capacitors
HV gate drivers
IGBTs + FWDs
SLLI
MM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com