Electronic Components Datasheet Search
  English  ▼

X  

AN3338 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN3338
Description  In recent years the variable speed motor control market has required high performance
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3338 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN3338 Datasheet HTML 21Page - STMicroelectronics AN3338 Datasheet HTML 22Page - STMicroelectronics AN3338 Datasheet HTML 23Page - STMicroelectronics AN3338 Datasheet HTML 24Page - STMicroelectronics AN3338 Datasheet HTML 25Page - STMicroelectronics AN3338 Datasheet HTML 26Page - STMicroelectronics AN3338 Datasheet HTML 27Page - STMicroelectronics AN3338 Datasheet HTML 28Page - STMicroelectronics AN3338 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 72 page
background image
Doc ID 18441 Rev 4
25/72
AN3338
Electrical characteristics and functions
72
2.3.6
Short-circuit protection and smart shutdown function
The SLLIMM is able to monitor the output current and provide protection against overcurrent
and short-circuit conditions in a very short time (comparator triggering to high/low side driver
turn-off propagation delay tisd = 200 ns), thanks to the smart shutdown function. This feature
is based on an innovative patented circuitry which provides an intelligent fault management
operation and greatly reduces the protection intervention delay independently on the
protection time duration which can be set as desired by the device user.
As already mentioned in
Section 2.3.5: Comparators for fault sensing and shown in
Figure 10, each comparator input can be connected to an external shunt resistor, RSHUNT, in
order to implement a simple overcurrent detection function. An RC filter network (RSF and
CSF) is necessary to prevent erroneous operation of the protection. The output signal of the
comparators is fed to an integrated MOSFET with the open drain available on the SD/OD
pin, shared with the SD input. When the comparator triggers, the device is set in shutdown
state and all its outputs are set to low level, leaving the half bridge in tri-state. In common
overcurrent protection architectures, usually the comparator output is connected to the SD
input and an external RC network (RSD and CSD) is connected to this SD/OD line in order to
provide a mono-stable circuit which implements a protection time when a fault condition
occurs.
Contrary to common fault detection systems, the new smart shutdown structure allows to
immediately turn off the output gate driver in the case of fault, without waiting for the
external capacitor to be discharged. This strategy minimizes the propagation delay between
the fault detection event and the actual outputs switch off. In fact, the time delay between
the fault and outputs disabling is not dependent on the RC value of the external SD circuitry
but, thanks to the new architecture, has a preferential path internally in the driver. Then the
device immediately turns off the driver outputs and latches the turn-on of the open drain
switch, until the SD signal has reached its lower threshold. After the SD signal goes below
the lower threshold, the open drain is switched off (see
Figure 16).
The smart shutdown system provides the possibility to increase the value of the external RC
network across the SD pin (sized to fix the disable time generated after the fault event) as
much as desired by the user without compromising the intervention time delay of the
SLLIMM protection.
A block diagram of the smart shutdown architecture is depicted in
Figure 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com