Electronic Components Datasheet Search
  English  ▼

X  

AN3338 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN3338
Description  In recent years the variable speed motor control market has required high performance
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3338 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN3338 Datasheet HTML 20Page - STMicroelectronics AN3338 Datasheet HTML 21Page - STMicroelectronics AN3338 Datasheet HTML 22Page - STMicroelectronics AN3338 Datasheet HTML 23Page - STMicroelectronics AN3338 Datasheet HTML 24Page - STMicroelectronics AN3338 Datasheet HTML 25Page - STMicroelectronics AN3338 Datasheet HTML 26Page - STMicroelectronics AN3338 Datasheet HTML 27Page - STMicroelectronics AN3338 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 72 page
background image
Electrical characteristics and functions
AN3338
24/72
Doc ID 18441 Rev 4
2.3.5
Comparators for fault sensing
The SLLIMM family integrates up to three comparators (with reference to the product line-up
in
Table 1) intended for advanced fault protection, such as overcurrent, overtemperature or
any other type of fault measurable via a voltage signal. Each comparator has an internal
reference voltage VREF, specified in the datasheet, on its inverting input (see Figure 10),
while the non-inverting input is available on CIN pins (one per half bridge). The comparators
input can be connected to an external shunt resistor, in order to implement a simple
overcurrent or short-circuit detection function, as discussed in detail in
Section 2.3.6: Short-
circuit protection and smart shutdown function. Nevertheless, in the case of three internal
comparators, they can be separately used in order to implement three independent controls.
Figure 14. Timing chart of dead time function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com