Electronic Components Datasheet Search
  English  ▼

X  

LT3477 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3477
Description  3A, DC/DC Converter with Dual Rail-to-Rail Current Sense
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3477 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3477 Datasheet HTML 3Page - Linear Technology LT3477 Datasheet HTML 4Page - Linear Technology LT3477 Datasheet HTML 5Page - Linear Technology LT3477 Datasheet HTML 6Page - Linear Technology LT3477 Datasheet HTML 7Page - Linear Technology LT3477 Datasheet HTML 8Page - Linear Technology LT3477 Datasheet HTML 9Page - Linear Technology LT3477 Datasheet HTML 10Page - Linear Technology LT3477 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT3477
7
3477fc
OPERATION
The LT3477 uses a fixed frequency, current mode control
scheme to provide excellent line and load regulation. Op-
eration can be best understood by referring to the Block
Diagram in Figure 1. The start of each oscillator cycle sets
the SR latch and turns on power switch Q1. The signal
at the noninverting input of the PWM comparator (A4
SLOPE) is proportional to the sum of the switch current
and oscillator ramp. When SLOPE exceeds VC (the output
of the feedback amplifier), the PWM comparator resets
the latch and turns off the power switch. In this manner,
the feedback amplifier and PWM comparators set the
correct peak current level to keep the output in regula-
tion. Amplifier A3 drives A4 inverting input. A3 has three
inputs, one from the voltage feedback loop and the other
two from the current feedback loop. Whichever feedback
input is higher takes precedence, forcing the converter into
either a constant-current or a constant-voltage mode. The
LT3477 is designed to transition cleanly between the two
modes of operation. Current sense amplifier IA1 senses
the voltage between the ISP1 and ISN1 pins and provides
a pre-gain to amplifier A1. When the voltage between ISP1
and ISN1 reaches 100mV, the output of IA1 provides VADJ
to the inverting input of A1 and the converter is in con-
stant-current mode. If the current sense voltage exceeds
100mV, the output of IA1 will increase causing the output
of A3 to decrease, thus reducing the amount of current
delivered to the output. In this manner the current sense
voltage is regulated to 100mV. The current sense level is
also pin adjustable by IADJ1. Forcing IADJ1 to less than
625mV will overwrite VADJ voltage that’s set internally,
thus providing current level control. The second current
sense amplifier, IA2, works the same as the first current
sense amplifier IA1. Both current sense amplifiers provide
rail-to-rail current sense operation. Similarly, for positive
output voltage operation where FBP is tied to VREF, if
the FBN pin increases above VREF, the output of A3 will
decrease to reduce the peak current level and regulate
the output (constant-voltage mode). For negative output
voltage operation where FBN is tied to GND, if the FBP pin
decreases below GND level, the output of A3 will decrease
to reduce the peak current level and regulate the output
(constant-voltage mode).
The LT3477 also features a soft-start function. During
start-up, 9μA of current charges the external soft-start
capacitor. The SS pin directly limits the rate of voltage rise
on the VC pin, which in turn limits the peak switch cur-
rent. The switch current is constantly monitored and not
allowed to exceed the nominal value of 3A. If the switch
current reaches 3A, the SR latch is reset regardless of the
output of the PWM comparator. Current limit protects the
power switch and external components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com