Electronic Components Datasheet Search
  English  ▼

X  

LT3477 Datasheet(PDF) 10 Page - Linear Technology

Part # LT3477
Description  3A, DC/DC Converter with Dual Rail-to-Rail Current Sense
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3477 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3477 Datasheet HTML 6Page - Linear Technology LT3477 Datasheet HTML 7Page - Linear Technology LT3477 Datasheet HTML 8Page - Linear Technology LT3477 Datasheet HTML 9Page - Linear Technology LT3477 Datasheet HTML 10Page - Linear Technology LT3477 Datasheet HTML 11Page - Linear Technology LT3477 Datasheet HTML 12Page - Linear Technology LT3477 Datasheet HTML 13Page - Linear Technology LT3477 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LT3477
10
3477fc
some tweaking of the compensation values (RC and CC
on the VC pin) may be required to ensure a clean inductor
ripple current while the constant-current loop is in effect.
For these applications, the constant-current loop response
can usually be improved by reducing the RC value or by
adding a capacitor (with a value of approximately CC/10)
in parallel with the RC and CC compensation network.
Frequency Compensation
The LT3477 has an external compensation pin (VC), which
allows the loop response to be optimized for each applica-
tion. An external resistor and capacitor (or sometimes just
a capacitor) are placed at the VC pin to provide a pole and
a zero (or just a pole) to ensure proper loop compensation.
Several other poles and zeroes are present in the closed-
loop transfer function of a switching regulator, so the VC
pin pole and zero are positioned to provide the best loop
response. A thorough analysis of the switching regulator
control loop is not within the scope of this data sheet, and
will not be presented here, but values of 1k and 4.7nF will
be a good choice for many designs. For those wishing
to optimize the compensation, use the 1k and 4.7nF as a
starting point.
Board Layout
As with all switching regulators, careful attention must
be paid to the PCB board layout and component place-
ment. To maximize efficiency, switch rise and fall times
are made as short as possible. To prevent radiation and
high frequency resonance problems, proper layout of the
high frequency switching path is essential. Minimize the
length and area of all traces connected to the SW pin and
always use a ground plane under the switching regulator
to minimize interplane coupling. The signal path including
the switch, output diode D1 and output capacitor COUT,
contains nanosecond rise and fall times and should be
kept as short as possible.
Soft-Start
For many applications, it is necessary to minimize the
inrush current at start-up. The built-in soft-start circuit
significantly reduces the start-up current spike and out-
put voltage overshoot. A typical value for the soft-start
capacitor is 10nF.
Switching Frequency
The switching frequency of the LT3477 is set by an ex-
ternal resistor attached to the RT pin. Do not leave this
pin open. A resistor must always be connected for proper
operation. See Table 4 and Figure 4 for resistor values and
corresponding frequencies.
Increasing switching frequency reduces output voltage
ripple but also reduces efficiency. The user should set
the frequency for the maximum tolerable output voltage
ripple.
Figure 4. Switch Frequency
RT (kΩ)
0
1.5
1.0
0.5
3.5
3.0
2.5
2.0
3477 F04
0.1
100
10
APPLICATIONS INFORMATION
Table 4. Switching Frequency
SWITCHING FREQUENCY (MHz)
RT (kΩ)
3.5
2.43
3
3.65
2.5
4.87
2
6.81
1.5
10.2
1
17.4
0.5
43.2
0.2
107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com