Electronic Components Datasheet Search
  English  ▼

X  

LT3477 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3477
Description  3A, DC/DC Converter with Dual Rail-to-Rail Current Sense
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3477 Datasheet(HTML) 5 Page - Linear Technology

  LT3477 Datasheet HTML 1Page - Linear Technology LT3477 Datasheet HTML 2Page - Linear Technology LT3477 Datasheet HTML 3Page - Linear Technology LT3477 Datasheet HTML 4Page - Linear Technology LT3477 Datasheet HTML 5Page - Linear Technology LT3477 Datasheet HTML 6Page - Linear Technology LT3477 Datasheet HTML 7Page - Linear Technology LT3477 Datasheet HTML 8Page - Linear Technology LT3477 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT3477
5
3477fc
IADJ VOLTAGE (mV)
0
0
20
40
60
80
200
400
600
800
2477 G13
100
120
100
300
500
700
VCM = 10V
TEMPERATURE (°C)
–50
103
25
3477 G14
100
98
–25
0
50
97
96
104
102
101
99
75
100
125
VCM = 10V
VCM = 42V
TYPICAL PERFORMANCE CHARACTERISTICS
Current Sense Voltage vs IADJ
Current Sense Voltage
vs Temperature
PIN FUNCTIONS (QFN/TSSOP)
NC (Pins 1, 2, 20/Pins 18, 19, 20): No Connect Pin. Okay
to connect to ground or VIN, or to float.
VIN (Pin 3/Pin 1): Input Supply. Must be locally bypassed.
Powers the internal control circuitry.
RT (Pin 4/Pin 2): Timing Resistor Pin. Adjusts the switch-
ing frequency. Connect a 17.2k resistor between RT and
GND for a 1MHz switching frequency. Do not leave this pin
open. See Table 4 for additional RT values and switching
frequencies.
SHDN (Pin 5/Pin 3): Shutdown. Tie to 2V or greater to
enable the device. Tie below 0.3V to turn off the device.
SS (Pin 6/Pin 4): Soft-Start. Place a soft-start capacitor
here. Leave floating if not in use.
VC (Pin 7/Pin 5): Compensation Pin for Error Amplifier.
Connect a series RC from this pin to GND. Typical values
are 1kΩ and 4.7nF.
FBN (Pin 8/Pin 6): The Inverting Input to the Error Ampli-
fier. Connect resistive divider tap here for positive output
voltage.
FBP (Pin 9/Pin 7): The Noninverting Input to the Error
Amplifier. Connect resistive divider tap here for negative
output voltage.
VREF (Pin 10/Pin 8): Bandgap Voltage Reference. Inter-
nally set to 1.235V. Connect this pin to FBP if generat-
ing a positive output or to an external resistor divider if
generating a negative voltage. This pin can provide up
to 100μA of current and can be locally bypassed with a
100pF capacitor.
IADJ2 (Pin 11/Pin 9): Second Current Sense Adjustment.
Setting IADJ2 to be less than 625mV leads to adjustment of
the sensed voltage of the second current sense amplifier
linearly. If IADJ2 is tied to higher than 650mV, the default
current sense voltage is 100mV. If current sense amplifier 2
is not used, always tie IADJ2 to higher than 650mV.
IADJ1 (Pin 12/Pin 10): First Current Sense Adjustment.
Setting IADJ1 to be less than 625mV leads to adjustment
of the sensed voltage of the first current sense amplifier
linearly. If IADJ1 is tied to higher than 650mV, the default
current sense voltage is 100mV. If current sense amplifier 1
is not used, always tie IADJ1 to higher than 650mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com