Electronic Components Datasheet Search
  English  ▼

X  

LT3477 Datasheet(PDF) 15 Page - Linear Technology

Part # LT3477
Description  3A, DC/DC Converter with Dual Rail-to-Rail Current Sense
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3477 Datasheet(HTML) 15 Page - Linear Technology

Back Button LT3477 Datasheet HTML 11Page - Linear Technology LT3477 Datasheet HTML 12Page - Linear Technology LT3477 Datasheet HTML 13Page - Linear Technology LT3477 Datasheet HTML 14Page - Linear Technology LT3477 Datasheet HTML 15Page - Linear Technology LT3477 Datasheet HTML 16Page - Linear Technology LT3477 Datasheet HTML 17Page - Linear Technology LT3477 Datasheet HTML 18Page - Linear Technology LT3477 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LT3477
15
3477fc
TYPICAL APPLICATIONS
800mA, 5V to 12V Boost Converter With Accurate Input Current Limit
Efficiency
ISN1
ISP1
VIN
IADJ1
IADJ2
ISP2
ISN2
FBN
R3
200k
R4
23.2k
C1
2.2μF
VIN
5V
C3
10nF
C1: TAIYO YUDEN LMK316BJ225MD
C2: AVX 1206YD106MAT
D1: DIODES INC. B320A
L1: TOKO FDV0630-4R7M
C2
10μF
12V
0.8A
3477 TA04a
R2
17.8k
SW
L1
4.7μH
R1
0.033Ω
D1
FBP
SS
GND
LT3477
RT
VC
SHDN
VREF
SHDN
CC
4.7nF
RC
1k
IOUT (A)
0
70
75
80
0.4
0.5
0.6
0.7
0.8
3477 TA04b
65
60
50
0.1
0.2
0.3
55
90
85
5.5V SEPIC Converter With Short-Circuit Protection
Efficiency
ISN1
ISP1
VIN
IADJ1
IADJ2
FBN
ISP2
R4
34.8k
R3
0.15Ω
R1
0.04Ω
R5
10k
C1
3.3μF
VIN
3V TO
16V
C4
33nF
C1: TAIYO YUDEN LMK316BJ335ML
C2: TAIYO YUDEN LMK325BJ106MN
C3: TAIYO YUDEN LMK316BJ106ZL
D1: DIODES INC. DFLS130L
L1, L2: TOKO FDV0630-4R7M
C3
10μF
CC
4.7nF
5.5V
670mA
3477 TA02a
R2
18.2k
RC
1k
SW
L1
4.7μH
C2
10μF
L2
4.7μH
D1
FBP
SS
GND
LT3477
ISN2
RT
SHDN
VC
VREF
SHDN
IOUT (A)
0
85
0.3
3477 TA02b
70
60
0.1
0.2
0.4
55
50
90
80
75
65
0.5
0.6
0.7
VIN = 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com