Electronic Components Datasheet Search
  English  ▼

X  

LT3477 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3477
Description  3A, DC/DC Converter with Dual Rail-to-Rail Current Sense
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3477 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3477 Datasheet HTML 7Page - Linear Technology LT3477 Datasheet HTML 8Page - Linear Technology LT3477 Datasheet HTML 9Page - Linear Technology LT3477 Datasheet HTML 10Page - Linear Technology LT3477 Datasheet HTML 11Page - Linear Technology LT3477 Datasheet HTML 12Page - Linear Technology LT3477 Datasheet HTML 13Page - Linear Technology LT3477 Datasheet HTML 14Page - Linear Technology LT3477 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT3477
11
3477fc
APPLICATIONS INFORMATION
PWM Dimming
For LED applications where a wide dimming range is
required, two competing methods are available: analog
dimming and PWM dimming. The easiest method is to
simply vary the DC current through the LED—analog
dimming—but changing LED current also changes its
chromaticity, undesirable in many applications. The bet-
ter method is PWM dimming, which switches the LED
on and off, using the duty cycle to control the average
current. PWM dimming offers several advantages over
analog dimming and is the method preferred by LED
manufacturers. By modulating the duty cycle of the PWM
signal, the average LED current changes proportionally
as illustrated in Figure 5. The chromaticity of the LEDs
remains unchanged in this scheme since the LED current is
either zero or at programmed current. Another advantage
of PWM dimming over analog dimming is that a wider
dimming range is possible.
The LT3477 is a DC/DC converter that is ideally suited for
LED applications. For the LT3477, analog dimming offers
a dimming ratio of about 10:1; whereas, PWM dimming
with the addition of a few external components results in
a wider dimming range of 500:1. The technique requires a
PWM logic signal applied to the gate of both NMOS (refer
to Figure 7). When the PWM signal is taken high the part
runs in normal operation and ILED = 100mV/RSENSE runs
through the LEDs. When the PWM input is taken low, the
LEDs are disconnected and turn off. This unique external
circuitry produces a fast rise time for the LED current,
resulting in a wide dimming range of 500:1 at a PWM
frequency of 100Hz.
The LED current can be controlled by feeding a PWM signal
with a broad range of frequencies. Dimming below 80Hz is
possible, but not desirable, due to perceptible flashing of
LEDs at lower PWM frequencies. The LED current can be
controlled at higher frequencies, but the dimming range
decreases with increasing PWM frequency, as seen in
Figure 6.
PWMdimmingcanbeusedinboost(showninFigure7),buck
mode (shown in Figure 8) and buck-boost mode (shown
in Figure 9). For the typical boost topology, efficiency ex-
ceeds 80%. Buck mode can be used to increase the power
handling capability for higher current LED applications. A
buck-boost LED driver works best in applications where
the input voltage fluctuates to higher or lower than the
total LED voltage drop.
In high temperature applications, the leakage of the
Schottky diode D1 increases, which in turn, discharges the
output capacitor during the PWM off time. This results in
a smaller effective LED dimming ratio. Consequently, the
dimming range decreases to about 200:1 at 85°C.
Figure 5. LED Current vs PWM Duty Cycle
Wide Dimming Range (500:1)
Figure 6. Dimming Range vs PWM Frequency
PWM DUTY CYCLE (%)
0.1
1
10
100
1
10
100
3477 F05
0.01
0.1
VIN = 5V
BOOST
4 LEDs
PWM FREQUENCY = 100Hz
RT = 6.81k
PWM FREQUENCY (kHz)
0.1
1
100
1000
1
10
100
3477 F06
10
RT = 6.81k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com