Electronic Components Datasheet Search
  English  ▼

X  

LT3477 Datasheet(PDF) 14 Page - Linear Technology

Part # LT3477
Description  3A, DC/DC Converter with Dual Rail-to-Rail Current Sense
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3477 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT3477 Datasheet HTML 10Page - Linear Technology LT3477 Datasheet HTML 11Page - Linear Technology LT3477 Datasheet HTML 12Page - Linear Technology LT3477 Datasheet HTML 13Page - Linear Technology LT3477 Datasheet HTML 14Page - Linear Technology LT3477 Datasheet HTML 15Page - Linear Technology LT3477 Datasheet HTML 16Page - Linear Technology LT3477 Datasheet HTML 17Page - Linear Technology LT3477 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LT3477
14
3477fc
APPLICATIONS INFORMATION
Figure 9b. PWM Dimming Waveforms
Figure 9a. 10V to 2 White LEDs: Buck-Boost Mode With PWM Dimming
2ms/DIV
ILED
500mA/DIV
IL
1A/DIV
PWM
10V/DIV
3477 F09b
VIN = 10V
2 LEDs
300mA
PWM FREQUENCY = 100Hz
BUCK-BOOST MODE
1M
1k
1k
C2
10μF
C1
3.3μF
VIN
10V
300mA
49.9k
L1
4.7μH
D1
ISN1
ISP1
VIN
IADJ2
IADJ1
FBN
ISP2
FBP
VREF
C1: TAIYO YUDEN LMK316BJ335ML
C2: TAIYO YUDEN UDK325BJ106MM
L1: TOKO D53LC (PN# A915AY-4R7M)
D1: ZETEX ZLLS1000
D2: DIODES INC 1N4148
NMOS1, NMOS2: ZETEX 2N7002
PMOS: SILICONIX Si2303BDS
LED1, LED2: LUMILEDS LXHL-BW02
CC
10nF
CSS
33nF
3477 F09a
6.81k
NMOS1
100k
0
5V
100Hz
PWM
SW
D2
SS
GND
LT3477
ISN2
RT
SHDN
VC
RC
1.5k
RSENSE
0.33Ω
LED2
LED1
PWM
NMOS2
PMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com