Electronic Components Datasheet Search
  English  ▼

X  

LT3477 Datasheet(PDF) 18 Page - Linear Technology

Part # LT3477
Description  3A, DC/DC Converter with Dual Rail-to-Rail Current Sense
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3477 Datasheet(HTML) 18 Page - Linear Technology

Back Button LT3477 Datasheet HTML 12Page - Linear Technology LT3477 Datasheet HTML 13Page - Linear Technology LT3477 Datasheet HTML 14Page - Linear Technology LT3477 Datasheet HTML 15Page - Linear Technology LT3477 Datasheet HTML 16Page - Linear Technology LT3477 Datasheet HTML 17Page - Linear Technology LT3477 Datasheet HTML 18Page - Linear Technology LT3477 Datasheet HTML 19Page - Linear Technology LT3477 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
LT3477
18
3477fc
PACKAGE DESCRIPTION
UF Package
20-Lead Plastic QFN (4mm
× 4mm)
(Reference LTC DWG # 05-08-1710)
4.00
± 0.10
(4 SIDES)
NOTE:
1. DRAWING IS PROPOSED TO BE MADE A JEDEC PACKAGE OUTLINE MO-220
VARIATION (WGGD-1)—TO BE APPROVED
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION
ON THE TOP AND BOTTOM OF PACKAGE
PIN 1
TOP MARK
(NOTE 6)
0.38
± 0.10
20
19
1
2
BOTTOM VIEW—EXPOSED PAD
2.45
± 0.10
(4-SIDES)
0.75
± 0.05
R = 0.115
TYP
0.25
± 0.05
0.50 BSC
0.200 REF
0.00 – 0.05
(UF20) QFN 10-04
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
0.70
±0.05
0.25
±0.05
0.50 BSC
2.45
± 0.05
(4 SIDES)
3.10
± 0.05
4.50
± 0.05
PACKAGE
OUTLINE
PIN 1 NOTCH
R = 0.30 TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com