Electronic Components Datasheet Search
  English  ▼

X  

LT3477 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3477
Description  3A, DC/DC Converter with Dual Rail-to-Rail Current Sense
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3477 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3477 Datasheet HTML 2Page - Linear Technology LT3477 Datasheet HTML 3Page - Linear Technology LT3477 Datasheet HTML 4Page - Linear Technology LT3477 Datasheet HTML 5Page - Linear Technology LT3477 Datasheet HTML 6Page - Linear Technology LT3477 Datasheet HTML 7Page - Linear Technology LT3477 Datasheet HTML 8Page - Linear Technology LT3477 Datasheet HTML 9Page - Linear Technology LT3477 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT3477
6
3477fc
PIN FUNCTIONS (QFN/TSSOP)
ISP2 (Pin 13/Pin 11): Second Current Sense (+) Pin. The
noninverting input to the second current sense amplifier.
Connect to ISN2 if not used.
ISN2 (Pin 14/Pin 12): Second Current Sense (–) Pin. The
inverting input to the second current sense amplifier.
Connect to ISP2 if not used.
ISP1 (Pin 15/Pin 13): First Current Sense (+) Pin. The
noninverting input to the first current sense amplifier.
Connect to ISN1 if not used.
ISN1 (Pin 16/Pin 14): First Current Sense (–) Pin. The in-
verting input to the first current sense amplifier. Connect
to ISP1 if not used.
GND (Pins 17/Pin 15): Ground. Tie directly to local
ground plane.
SW (Pins 18, 19/Pins 16, 17): Switch Pins. Collector of
the internal NPN power switch. Connect the inductor and
diode here and minimize the metal trace area connected
to this pin to minimize electromagnetic interference.
Exposed Pad (Pin 21/Pin 21): Power Ground. Must be
soldered to PCB ground for electrical contact and rated
thermal performance.
–
+
∑
–
+
+
IA1
ISP1
ISN1
A1
VC
SW
SS
A3
A4
SLOPE
VADJ
IADJ1
ISP2
ISN2
FBP
FBN
SHDN
IADJ2
VREF
–
+
–
+
+
IA2
–
+
RT
VIN
VA
A2
VADJ
VREF
1.25V
S
RQ1
3477 F01
Q
OSCILLATOR
Figure 1. LT3477 Block Diagram
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com