Electronic Components Datasheet Search
  English  ▼

X  

LT3477 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3477
Description  3A, DC/DC Converter with Dual Rail-to-Rail Current Sense
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3477 Datasheet(HTML) 1 Page - Linear Technology

  LT3477 Datasheet HTML 1Page - Linear Technology LT3477 Datasheet HTML 2Page - Linear Technology LT3477 Datasheet HTML 3Page - Linear Technology LT3477 Datasheet HTML 4Page - Linear Technology LT3477 Datasheet HTML 5Page - Linear Technology LT3477 Datasheet HTML 6Page - Linear Technology LT3477 Datasheet HTML 7Page - Linear Technology LT3477 Datasheet HTML 8Page - Linear Technology LT3477 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT3477
1
3477fc
TYPICAL APPLICATION
DESCRIPTION
3A, DC/DC Converter
with Dual Rail-to-Rail
Current Sense
FEATURES
APPLICATIONS
n Dual 100mV Rail-to-Rail Current Sense Amplifiers
n Wide Input Voltage Range: 2.5V to 25V
n 3A, 42V Internal Switch
n High Efficiency Power Conversion: Up to 93%
n Drives LEDs in Boost, Buck-Boost or Buck Mode
n Frequency Set by External Resistor: 200kHz to 3.5MHz
n Programmable Soft-Start
n Low VCESAT Switch: 0.3V at 2.5A
n Capable of Positive and Negative Output Voltages
(Boost, Inverting, SEPIC, Flyback)
n Available in Thermally Enhanced 20-Lead
(4mm
× 4mm) QFN and 20-Lead TSSOP Packages
The LT®3477 is a current mode, 3A DC/DC step-up con-
verter with dual rail-to-rail current sense amplifiers and an
internal 3A, 42V switch. It combines a traditional voltage
feedback loop and two unique current feedback loops to
operate as a constant-current, constant-voltage source.
Both current sense voltages are set at 100mV and can be
adjusted independently using the IADJ1 and IADJ2 pins. Ef-
ficiency of up to 91% can be achieved in typical applications.
The LT3477 features a programmable soft-start function
to limit inductor current during start-up. Both inputs of
the error amplifier are available externally allowing posi-
tive and negative output voltages (boost, inverting, SEPIC,
Flyback). The switching frequency is programmable from
200kHz to 3.5MHz through an external resistor.
Available in thermally enhanced 20-pin (4mm
× 4mm)
QFN and 20-pin TSSOP packages, the LT3477 provides a
complete solution for both constant-voltage and constant-
current applications.
Efficiency
330mA LED Driver With Open LED Protection
ISN1
ISP1
VIN
IADJ1
IADJ2
FBN
ISP2
200k
3.3μF
3.3μF
VIN
5V
33nF
4.7nF
330mA
3477 TA01a
10k
22k
1k
0.3Ω
SW
10μH
FBP
SS
GND
LT3477
ISN2
RT
SHDN
VC
VREF
SHDN
IOUT (A)
0
70
75
80
0.4
3477 TA01b
65
60
50
0.1
0.2
0.3
55
90
85
n High Power LED Driver
n DSL Modems
n Distributed Power
n Input/Output Current Limited Boost, SEPIC,
Inverting, Flyback Converters
n Constant-Voltage, Constant-Current Source
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LT3477

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3477 LINER-LT3477 Datasheet
274Kb / 24P
PWM LED Driver and Boost, Flyback and SEPIC Controller
LT3477 LINER-LT3477 Datasheet
273Kb / 20P
3A, DC/DC Converter with Dual Rail-to-Rail Current Sense
LT3477 LINER-LT3477 Datasheet
294Kb / 20P
Full-Featured LED Driver with 1.5A Switch Current
LT3477 LINER-LT3477 Datasheet
207Kb / 20P
True Color PWM Delivers Constant Color with 400:1 Dimming Range
LT3477 LINER-LT3477 Datasheet
274Kb / 28P
Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
More results

Similar Description - LT3477

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1620 LINER-LT1620 Datasheet
282Kb / 12P
Rail-to-Rail Current Sense Amplifier
LT3477 LINER-LT3477 Datasheet
273Kb / 20P
3A, DC/DC Converter with Dual Rail-to-Rail Current Sense
logo
Power Mate Technology C...
DFEC15W P-DUKE-DFEC15W_14 Datasheet
284Kb / 3P
DIN RAIL DC-DC CONVERTER
DFEC30 P-DUKE-DFEC30_14 Datasheet
370Kb / 3P
DIN RAIL DC-DC CONVERTER
DFED20 P-DUKE-DFED20_14 Datasheet
371Kb / 3P
DIN RAIL DC-DC CONVERTER
DFED20W P-DUKE-DFED20W_14 Datasheet
369Kb / 3P
DIN RAIL DC-DC CONVERTER
logo
Linear Technology
LT1620 LINER-LT1620_15 Datasheet
253Kb / 12P
Rail-to-Rail Current Sense Amplifier
LT1621 LINER-LT1621_15 Datasheet
253Kb / 12P
Rail-to-Rail Current Sense Amplifier
logo
Anaren Microwave
MSK197RH ANAREN-MSK197RH Datasheet
327Kb / 7P
RAD HARD PRECISION RAIL TO RAIL CURRENT SENSE
MSK196RH ANAREN-MSK196RH Datasheet
1Mb / 7P
RAD HARD PRECISION RAIL TO RAIL CURRENT SENSE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com