Electronic Components Datasheet Search
  English  ▼

X  

LT3477 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3477
Description  3A, DC/DC Converter with Dual Rail-to-Rail Current Sense
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3477 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3477 Datasheet HTML 5Page - Linear Technology LT3477 Datasheet HTML 6Page - Linear Technology LT3477 Datasheet HTML 7Page - Linear Technology LT3477 Datasheet HTML 8Page - Linear Technology LT3477 Datasheet HTML 9Page - Linear Technology LT3477 Datasheet HTML 10Page - Linear Technology LT3477 Datasheet HTML 11Page - Linear Technology LT3477 Datasheet HTML 12Page - Linear Technology LT3477 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LT3477
9
3477fc
APPLICATIONS INFORMATION
Setting Positive Output Voltages
To set a positive output voltage, select the values of R1 and
R2 (see Figure 2) according to the following equation:
VOUT =1.235V 1+
R1
R2
For designs needing an adjustable current level, the
IADJ1 and IADJ2 pins are provided for the first and the
second current sense amplifiers, respectively. With the
IADJ1 and IADJ2 pins tied higher than 650mV, the nominal
current sense voltage is 100mV (appearing between the
ISP1 and ISN2 or ISP2 and ISN2 pins). Applying a positive
DC voltage less than 600mV to the IADJ1 and IADJ2 pins
will decrease the current sense voltage according to the
following formula:
I
mV
R
V
mV
SENSE
SENSE
IADJ
=
100
618
•
For example, if 309mV is applied to the IADJ1 pin and
RSENSE is 0.5Ω, the current sense will be reduced from
200mA to 100mA. The adjustability allows the regulated
current to be reduced without changing the current sense
resistor (e.g., to adjust brightness in an LED driver or to
reduce the charge current in a battery charger).
Considerations When Sensing Input Current
In addition to regulating the DC output current for cur-
rent-source applications, the constant-current loop of
the LT3477 can also be used to provide an accurate input
current limit. Boost converters cannot provide output
short-circuit protection, but the surge turn-on current can
be drastically reduced using the LT3477 current sense at
the input. SEPICs, however, have an output that is DC-
isolated from the input, so an input current limit not only
helps soft-start the output but also provides excellent
short-circuit protection.
When sensing input current, the sense resistor should be
placed in front of the inductor (between the decoupling
capacitor and the inductor). This will regulate the average
inductor current and maintain a consistent inductor ripple
current, which will, in turn, maintain a well regulated input
current. Do not place the sense resistor between the input
source and the input decoupling capacitor, as this may allow
the inductor ripple current to vary widely (even though the
average input current and the average inductor current will
still be regulated). Since the inductor current is a triangular
waveform (not a DC waveform like the output current)
Figure 2. Positive Output Voltage Feedback Connections
R4
R3
3477 F03
FBP
VREF
–VOUT
LT3477
FBN
Figure 3. Negative Output Voltage Feedback Connections
R2
R1
3477 F02
FBN
VREF
VOUT
LT3477
FBP
Setting Negative Output Voltages
To set a negative output voltage, select the values of R3 and
R4 (see Figure 3) according to the following equation:
VOUT = –1.235V
R3
R4
Selecting RSENSE/Current Sense Adjustment
Using the following formula to choose the correct current
sense resistor value (for constant current or fail-safe
operation).
R
mV
I
SENSE
SENSE
=
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com