Electronic Components Datasheet Search
  English  ▼

X  

LT1683 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1683
Description  Ultralow Noise Push-Pull DC/DC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1683 Datasheet(HTML) 1 Page - Linear Technology

  LT1683 Datasheet HTML 1Page - Linear Technology LT1683 Datasheet HTML 2Page - Linear Technology LT1683 Datasheet HTML 3Page - Linear Technology LT1683 Datasheet HTML 4Page - Linear Technology LT1683 Datasheet HTML 5Page - Linear Technology LT1683 Datasheet HTML 6Page - Linear Technology LT1683 Datasheet HTML 7Page - Linear Technology LT1683 Datasheet HTML 8Page - Linear Technology LT1683 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
LT1683
1683f
TYPICAL APPLICATIO
APPLICATIO S
DESCRIPTIO
FEATURES
Ultralow Noise
Push-Pull DC/DC Controller
The LT
®1683 is a switching regulator controller designed
to lower conducted and radiated electromagnetic interfer-
ence (EMI). Ultralow noise and EMI are achieved by
controlling the voltage and current slew rates of external
N-channel MOSFET switches. Current and voltage slew
rates can be independently set to optimize harmonic
content of the switching waveforms vs efficiency. The
LT1683 can reduce high frequency harmonic power by as
much as 40dB with only minor losses in efficiency.
The LT1683 utilizes a dual output (push-pull) current
mode architecture optimized for low noise topologies. The
IC includes gate drivers and all necessary oscillator,
control and protection circuitry. Unique error amp cir-
cuitry can regulate both positive and negative voltages.
The oscillator may be synchronized to an external clock for
more accurate placement of switching harmonics.
Protection features include gate drive lockout for low VIN,
opposite gate lockout, soft-start, output current limit,
short-circuit current limiting, gate drive overvoltage clamp
and input supply undervoltage lockout.
s
Greatly Reduced Conducted and Radiated EMI
s
Low Switching Harmonic Content
s
Independent Control of Output Switch Voltage and
Current Slew Rates
s
Greatly Reduced Need for External Filters
s
Dual N-Channel MOSFET Drivers
s
20kHz to 250kHz Oscillator Frequency
s
Easily Synchronized to External Clock
s
Regulates Positive and Negative Voltages
s
Easier Layout Than with Conventional Switchers
s
Power Supplies for Noise Sensitive Communication
Equipment
s
EMI Compliant Offline Power Supplies
s
Precision Instrumentation Systems
s
Isolated Supplies for Industrial Automation
s
Medical Instruments
s
Data Acquisition Systems
, LTC and LT are registered trademarks of Linear Technology Corporation.
A
B
MBRS340
MIDCOM 31244
22
µH
150
µF
OS-CON
MBRS340
MBR0530
22
µH
OPTIONAL
2
×100µF
POSCAP
5V/2A
3
10
1683 TA01
11
13
SHDN
CAP A
NFB
LT1683
GND
VIN
17
14
2
GCL
SS
V5
SYNC
GATE A
5
1
CT
CAP B
6
18
RT
GATE B
7
19
8
RCSL
16
VC
15
12
RVSL
CS
4
PGND
20
FB
9
5pF
5pF
Si9422
Si9422
0.1
Ω
976
Ω
23.2k
10nF
1.5k
3.3k
25k
25k
3.3k
16.9k
1.2nF
39
µF
63V
48V
68
µF
20V
11V
8.2V
51k
510
Ω
0.5W
2N3904
1N4148
10
µF
20V
30pF
22nF
0.22
µF
7.50k
2.49k
FZT853
10pF
200V
30pF
10pF
200V
Ultralow Noise 48V to 5V DC/DC Converter
5V Output Noise
(Bandwidth = 100MHz)
A
200
µV/DIV
B
20mV/DIV
200
µVP-P
5
µs/DIV
1683 TA01a


Similar Part No. - LT1683

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1683 LINER-LT1683 Datasheet
414Kb / 26P
Slew Rate Controlled Ultralow Noise Push-Pull DC/DC Controller
LT1683 LINER-LT1683_15 Datasheet
414Kb / 26P
Slew Rate Controlled Ultralow Noise Push-Pull DC/DC Controller
More results

Similar Description - LT1683

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1738 LINER-LT1738 Datasheet
248Kb / 20P
Slew Rate Controlled Ultralow Noise DC/DC Controller
LTM4612 LINER-LTM4612 Datasheet
369Kb / 24P
Ultralow Noise 36VIN, 15VOUT, 5A, DC/DC 關Module
logo
Rhombus Industries Inc.
T-1215 RHOMBUS-IND-T-1215 Datasheet
21Kb / 1P
PUSH-PULL DC-DC CONVERTER 1 WATT
3/10/99
logo
MIC GROUP RECTIFIERS
MIC3808 MIC-MIC3808_11 Datasheet
150Kb / 11P
Push-Pull PWM Controller
logo
Linear Technology
LT3999 LINER-LT3999_15 Datasheet
308Kb / 16P
Low Noise, 1A, 1MHz Push-Pull DC/DC Driver with Duty Cycle Control
LT1683 LINER-LT1683_15 Datasheet
414Kb / 26P
Slew Rate Controlled Ultralow Noise Push-Pull DC/DC Controller
LT1738 LINER-LT1738_15 Datasheet
259Kb / 20P
Slew Rate Controlled Ultralow Noise DC/DC Controller
LTM8033 LINER-LTM8033_15 Datasheet
382Kb / 26P
Ultralow Noise EMC 36VIN, 3A DC/DC Module Regulator
LT3999 LINER-LT3999 Datasheet
308Kb / 16P
Low Noise, 1A, 1MHz Push-Pull DC/DC Driver with Duty Cycle Control
logo
Bellnix Co.,Ltd.
BLA05 BELLNIX-BLA05 Datasheet
418Kb / 12P
Ultralow Noise, Ultracompact, Isolated type DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com