Electronic Components Datasheet Search
  English  ▼

X  

LT1683 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1683
Description  Ultralow Noise Push-Pull DC/DC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1683 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1683 Datasheet HTML 2Page - Linear Technology LT1683 Datasheet HTML 3Page - Linear Technology LT1683 Datasheet HTML 4Page - Linear Technology LT1683 Datasheet HTML 5Page - Linear Technology LT1683 Datasheet HTML 6Page - Linear Technology LT1683 Datasheet HTML 7Page - Linear Technology LT1683 Datasheet HTML 8Page - Linear Technology LT1683 Datasheet HTML 9Page - Linear Technology LT1683 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
LT1683
1683f
PI FU CTIO S
Part Supply
V5 (Pin 5): This pin provides a 5V output that can sink or
source 10mA for use by external components. V5 source
current comes from VIN . Sink current goes to GND. VIN
must be greater than 6.5V in order for this voltage to be in
regulation. If this pin is used, a small capacitor (<1
µF) may
be placed on this pin to reduce noise. This pin can be left
open if not used.
GND (Pin 11): Signal Ground. The internal error amplifier,
negative feedback amplifier, oscillator, slew control cir-
cuitry, V5 regulator, current sense and the bandgap refer-
ence are referred to this ground. Keep the connection to
this pin, the feedback divider and VC compensation net-
work free of large ground currents.
SHDN (Pin 14): The shutdown pin can disable the switcher.
Grounding this pin will disable all internal circuitry.
Increasing SHDN voltage will initially turn on the internal
bandgap regulator. This provides a precision threshold for
the turn on of the rest of the IC. As SHDN increases past
1.39V the internal LDO regulator turns on, enabling the
control and logic circuitry.
24
µA of current is sourced out of the pin above the turn on
threshold. This can be used to provide hysteresis for the
shutdown function. The hysteresis voltage will be set by
the Thevenin resistance of the resistor divider driving this
pin times the current sourced out. Above approximately
2.1V the hysteresis current is removed. There is approxi-
mately 0.1V of voltage hysteresis on this pin as well.
The pin can be tied high (to VIN for instance).
VIN (Pin 17): Input Supply. All supply current for the part
comes from this pin including gate drives and V5 regula-
tor. Charge current for gate drives can produce current
pulses of hundreds of milliamperes. Bypass this pin with
a low ESR capacitor.
When VIN is below 2.55V the part will go into supply
undervoltage lockout where the gate drivers are driven
low. This, along with gate drive undervoltage lockout,
prevents unpredictable behavior during power up.
PGND (Pin 20): Power Driver Ground. This ground comes
from the MOSFET gate drivers. This pin can have several
hundred milliamperes of current on it when the external
MOSFETs are being turned off.
Oscillator
SYNC (Pin 6): The SYNC pin can be used to synchronize
the part to an external clock. The oscillator frequency
should be set close to the external clock frequency.
Synchronizing the clock to an external reference is useful
for creating more stable positioning of the switcher volt-
age and current harmonics. This pin can be left open or
tied to ground if not used.
CT (Pin 7): The oscillator capacitor pin is used in conjunc-
tion with RT to set the oscillator frequency. For RT = 16.9k:
COSC(nf) = 129/fOSC(kHz)
RT (Pin 8): The oscillator resistor pin is used to set the
charge and discharge currents of the oscillator capacitor.
The nominal value is 16.9k. It is possible to adjust this
resistance
±25% to set oscillator frequency more accu-
rately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com