Electronic Components Datasheet Search
  English  ▼

X  

LT1683 Datasheet(PDF) 24 Page - Linear Technology

Part # LT1683
Description  Ultralow Noise Push-Pull DC/DC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1683 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT1683 Datasheet HTML 16Page - Linear Technology LT1683 Datasheet HTML 17Page - Linear Technology LT1683 Datasheet HTML 18Page - Linear Technology LT1683 Datasheet HTML 19Page - Linear Technology LT1683 Datasheet HTML 20Page - Linear Technology LT1683 Datasheet HTML 21Page - Linear Technology LT1683 Datasheet HTML 22Page - Linear Technology LT1683 Datasheet HTML 23Page - Linear Technology LT1683 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
24
LT1683
1683f
LT/TP 0402 2K • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 2001
PART NUMBER
DESCRIPTION
COMMENTS
LT1533
Ultralow Noise 1A Switching Regulator
Push-Pull Design for Low Noise Isolated Supplies
LT1534
Ultralow Noise 2A Switching Regulator
Ultralow Noise Regulator for Boost Topologies
LT1738
Ultralow Noise DC/DC Controller
High Current Output Ultralow Noise Boost Regulator;
Drives External MOSFET
LT1777
Low Noise Step-Down Switching Regulator
Programmable dI/dt; Internally Limited dV/dt
LT1425
Isolated Flyback Switching Regulator
Excellent Regulation without Transformer “Third Winding”
LT1576
1.5A, 200kHz Step-Down Switching Regulator
Constant Frequency, 1.21V Reference Voltage
LT176X Family
Low Dropout, Low Noise Linear Regulator
150mA to 3A, SOT-23 to TO-220
LTC1922-1
Synchronous Phase Modulated Full-Bridge Controller
Adaptive DirectSense
TM Zero Voltage Switching, 50W to
Kilowatts, Synchronous Rectification
DirectSense is a trademark of Linear Technology Corporation.
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
TYPICAL APPLICATIO
RELATED PARTS
MBR2045CT
COILTRONICS
VP5-1200
4.7
µH
330
µF
MBR2045CT
1
µH
OPTIONAL
5V/5A
2
×330µF
POSCAP
3
10
1683 TA02
11
13
SHDN
CAP A
NFB
LT1683
GND
VIN
17
14
2
GCL
SS
V5
SYNC
GATE A
5
1
CT
CAP B
6
18
RT
GATE B
7
19
8
RCSL
16
VC
15
12
RVSL
CS
4
PGND
20
FB
9
IRF540
IRF540
10m
Ω
10nF
1k
3.3k
25k
3.3k
16.9k
1.5nF
39
µF
24V
68
µF
20V
11V
8.2V
6.9k
2N3904
1nF
15nF
7.50k
2.49k
25k
3pF
7
3
6–10
11
1
9
4
8
5
2–12
10pF
3pF
10pF
Ultralow Noise 24V to 5V DC/DC Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com