Electronic Components Datasheet Search
  English  ▼

X  

LT1683 Datasheet(PDF) 22 Page - Linear Technology

Part # LT1683
Description  Ultralow Noise Push-Pull DC/DC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1683 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT1683 Datasheet HTML 16Page - Linear Technology LT1683 Datasheet HTML 17Page - Linear Technology LT1683 Datasheet HTML 18Page - Linear Technology LT1683 Datasheet HTML 19Page - Linear Technology LT1683 Datasheet HTML 20Page - Linear Technology LT1683 Datasheet HTML 21Page - Linear Technology LT1683 Datasheet HTML 22Page - Linear Technology LT1683 Datasheet HTML 23Page - Linear Technology LT1683 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22
LT1683
1683f
APPLICATIO S I FOR ATIO
Gate Driver Considerations
In general, the MOSFETs should be positioned as close to
the part as possible to minimize inductance.
When the part is active the gate drives will be pulled low to
less than 0.2V. When the part is off, the gate drives contain
a 40k resistor in series with a diode to ground that will offer
passive holdoff protection. If you are using some logic
level MOSFETs this might not be sufficient. A resistor may
be placed from gate to ground, however the value should
be reasonably high to minimize DC losses and possible AC
issues.
The gate drive source current comes from VIN. The sink
current exits through PGND. In general the decoupling cap
should be placed close to these two pins.
Switching Diodes
In general, switching diodes should be Schottky diodes.
Size and breakdown voltage depend on the specific con-
verter. A lower forward drop will improve converter effi-
ciency. No other special requirements are needed.
PCB Layout Considerations
As with any switcher careful consideration should be given
to PC board layout. Because this part reduces high fre-
quency EMI the board layout is less critical, however high
currents and voltages still produce the need for careful
board layout to eliminate poor and erratic performance.
Basic Considerations
Keep the high current loops physically small in area. The
main loops are shown in Figure 8: the power switch loops
(A and B) and the rectifier loop (C and D). These loops can
be kept small by physically keeping the components close
to one another. In addition, connection traces should be
kept wide to lower resistance and inductances. Compo-
nents should be placed to minimize connecting paths.
Careful attention to ground connections must also be
maintained. Without getting into elaborate detail be care-
ful that currents from different high current loops do not
get coupled into the ground paths of other loops. Using
singular points of connection for the grounds is the best
way to do this. The two major points of connection are the
bottom of the input decoupling cap and the bottom of the
output decoupling cap. Typically the sense resistor device
PGND and device GND will tie to the bottom of the input
cap.
There are two other loops to pay attention to. The current
slew involves a high bandwidth control that goes through
the MOSFET switch, the sense resistor and into the CS pin
of the part and out the GATE pin to the MOSFET. Trace
inductance and resistance should be kept low on the GATE
drive trace. The CS trace should have low inductance. The
sense resistor should be physically close to PGND and the
MOSFETs’ sources.
Finally care should be taken with the CAP A, CAP B pins.
The part will tolerate stray capacitance to ground on these
pins (<5pF) however stray capacitance to the respective
drains should be minimized. This path would provide an
alternate capacitive path for the voltage slew.
More Help
AN70 contains information about low noise switchers and
measurement of noise and should be consulted. AN19 and
AN29 also have general knowledge concerning switching
regulators. Also, our Application Department is always
ready to lend a helping hand.
Figure 8
1683 F08
1
2
4
3
CIN
COUT
A
A
B
CS
GATE A
GATE B
D
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com