Electronic Components Datasheet Search
  English  ▼

X  

LT1683 Datasheet(PDF) 23 Page - Linear Technology

Part # LT1683
Description  Ultralow Noise Push-Pull DC/DC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1683 Datasheet(HTML) 23 Page - Linear Technology

Back Button LT1683 Datasheet HTML 16Page - Linear Technology LT1683 Datasheet HTML 17Page - Linear Technology LT1683 Datasheet HTML 18Page - Linear Technology LT1683 Datasheet HTML 19Page - Linear Technology LT1683 Datasheet HTML 20Page - Linear Technology LT1683 Datasheet HTML 21Page - Linear Technology LT1683 Datasheet HTML 22Page - Linear Technology LT1683 Datasheet HTML 23Page - Linear Technology LT1683 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
23
LT1683
1683f
PACKAGE DESCRIPTIO
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
TYPICAL APPLICATIO
Ultralow Noise 48V to
±12V DC/DC Converter
L1
10
µH
C2
33
µF
16V,
×2
C1
33
µF
16V,
×2
MBR01100
L2
10
µH
3
10
1683 TA03
11
13
SHDN
CAP A
NFB
LT1683
GND
VIN
17
14
2
GCL
SS
V5
SYNC
GATE A
5
1
CT
CAP B
6
18
RT
GATE B
7
19
8
RCSL
16
VC
15
12
RVSL
CS
4
PGND
20
FB
9
5pF
5pF
Si9422
Si9422
0.068
Ω
976
Ω
23.2k
10nF
1k
3.3k
25k
25k
3.3k
16.9k
1200pF
47
µF
100V
48V
C3
10
µF
25V
12V
8.2V
10k
510
Ω
0.5W
2N3904
C4
22
µF
50V
25pF
22nF
0.22
µF
8.66k
1k
2.74k
10.0k
FZT853
5pF
200V
25pF
5pF
200V
–12V/1A
12V/1A
D1
D4
D5
D7
D6
D2
D3
CTX0215542
T1
1
2
3,4
5
6
7
8,9
10
C1, C2:SANYO 16TPC33
C3: MURATA GRM235Y5V106Z
C4: NIPPON THCR60EIE226Z
D1, D2, D3 IN4148
D4, D5, D6, D7 MBRS1100
L1, L2: COOPER DS50224
T1: COOPER CTX02-15542
G Package
20-Lead Plastic SSOP (5.3mm)
(Reference LTC DWG # 05-08-1640)
G20 SSOP 0501
.13 – .22
(.005 – .009)
0
° – 8°
.55 – .95
(.022 – .037)
5.20 – 5.38**
(.205 – .212)
7.65 – 7.90
(.301 – .311)
12 3
4
5
6 7 89 10
7.07 – 7.33*
(.278 – .289)
17
18
14 13 12 11
15
16
19
20
1.73 – 1.99
(.068 – .078)
.05 – .21
(.002 – .008)
.65
(.0256)
BSC
.25 – .38
(.010 – .015)
MILLIMETERS
(INCHES)
DIMENSIONS DO NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED .152mm (.006") PER SIDE
DIMENSIONS DO NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED .254mm (.010") PER SIDE
*
**
NOTE:
1. CONTROLLING DIMENSION: MILLIMETERS
2. DIMENSIONS ARE IN
3. DRAWING NOT TO SCALE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com