Electronic Components Datasheet Search
  English  ▼

X  

LT1683 Datasheet(PDF) 19 Page - Linear Technology

Part # LT1683
Description  Ultralow Noise Push-Pull DC/DC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1683 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT1683 Datasheet HTML 15Page - Linear Technology LT1683 Datasheet HTML 16Page - Linear Technology LT1683 Datasheet HTML 17Page - Linear Technology LT1683 Datasheet HTML 18Page - Linear Technology LT1683 Datasheet HTML 19Page - Linear Technology LT1683 Datasheet HTML 20Page - Linear Technology LT1683 Datasheet HTML 21Page - Linear Technology LT1683 Datasheet HTML 22Page - Linear Technology LT1683 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
19
LT1683
1683f
For continuous operation at IOUT(MIN) = IOUT(MAX)/4,
inductor ripple (the same as output ripple):
∆=
=
I
A
A
L
2
2
4
1
•
The duty cycle for nominal input is:
DC
VV
NV
I
R
NOM
OUT
F
IN NOM
SW
ON
=
+
−
()
==
2
55
2
61
47 5
35 3
••
.
.
•.
.%
()
Then
L
A
kHz
H
=
+
() −
()
=µ
50 5
1 2 35 3
1
100
16
.•
•
. %
•
Off-the-shelf components can be used for this inductor.
Say we choose a 22
µH inductor then ripple current at
maximum input (DC = 29.1%) is:
∆=
+
() −
()
µ
=
I
F
kHz
A
L
50 5
1 2 29 1
22
100
103
.•
•
. %
•
.
The maximum inductor current is:
IA
A
A
L MAX
()
.
.
=+
=
2
103
2
252
Primary inductance should be greater than:
LPRI = 5 • 22µH • 6.12 = 4.1mH
The secondary inductance would then be:
4.1mH/6.12 = 110
µH
The magnetizing ripple current is approximately:
∆=
=
I
mH
kHz
mA
MAG
55
1
61
4 1
100
81
.
.
•.
•
Peak switch current is:
I
A
mA
mA
SW PEAK
()
.
•.
=+
=
1
61
2 51
81
494
Note that you can discern your magnetizing ripple by
looking at the reflected inductance ripple and subtracting
it from the switch current ripple.
∆IMAG = N • IL – ∆ISW
The max ripple current on the switch is:
∆=
+
=
I
A
mA
A
SW MAX
()
.
.
.
103
61
81
0 25
Knowing the peak switch current we can go back and
iterate with a more accurate switch on voltage. We would
have to know the RON of the FET. In our case our assump-
tions of a 0.5V switch on voltage is valid for
RON + RSENSE < 1Ω.
Capacitors
Correct choice of input and output capacitors is very
important to low noise switcher performance. Push-pull
topologies and other low noise topologies will in general
have continuous currents, which reduce the requirements
for capacitance. However, noise depends more on the ESR
of the capacitors. In addition lower ESR can also improve
efficiency.
Input capacitors must also withstand surges that occur
during the switching of some types of loads. Some solid
tantalum capacitors can fail under these surge conditions.
Design Note 95 offers more information but the following
is a brief summary of capacitor types and attributes.
Aluminum Electrolytic: Low cost and higher voltage. They
can be used in this application but in general you will need
higher capacitance to achieve low ESR. Additional
nonelectrolytic capacitors may be required to achieve
better performance.
Specialty Polymer Aluminum: Panasonic has come out
with their series CD capacitors. While they are only avail-
able for voltages below 16V, they have very low ESR and
good surge capability.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com