Electronic Components Datasheet Search
  English  ▼

X  

LT1683 Datasheet(PDF) 17 Page - Linear Technology

Part # LT1683
Description  Ultralow Noise Push-Pull DC/DC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1683 Datasheet(HTML) 17 Page - Linear Technology

Back Button LT1683 Datasheet HTML 13Page - Linear Technology LT1683 Datasheet HTML 14Page - Linear Technology LT1683 Datasheet HTML 15Page - Linear Technology LT1683 Datasheet HTML 16Page - Linear Technology LT1683 Datasheet HTML 17Page - Linear Technology LT1683 Datasheet HTML 18Page - Linear Technology LT1683 Datasheet HTML 19Page - Linear Technology LT1683 Datasheet HTML 20Page - Linear Technology LT1683 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
LT1683
1683f
APPLICATIO S I FOR ATIO
The soft-start current will be initiated as soon as the part
turns on. Soft-start will be reinititated after a short-circuit
fault.
Thermal Considerations
Most of the IC power dissipation is derived from the VIN
pin. The VIN current depends on a number of factors
including: oscillator frequency; loads on V5; slew settings;
gate charge current. Additional power is dissipated if V5
sinks current and during the MOSFET gate discharge.
The power dissipation in the IC will be the sum of:
1) The RMS VIN current times VIN
2) V5 RMS sink current times 5V
3) The gate drive’s RMS discharge current times voltage
Because of the strong VIN component it is advantageous
to operate the LT1683 at as low a VIN as possible.
It is always recommended that package temperature be
measured in each application. The part has an internal
thermal shutdown to minimize the chance of IC destruc-
tion but this should not replace careful thermal design.
The thermal shutdown feature does not protect the exter-
nal MOSFETs. A separate analysis must be done for those
devices to insure that they are operating within safe limits.
Once IC power dissipation, PDIS, is determined die junc-
tion temperature is then computed as:
TJ = TAMB + PDIS • θJA
where TAMB is ambient temperature and θJAis the package
thermal resistance. For the 20-pin SSOP,
θJA is 100°C/W.
Magnetics
Design of magnetics is dependent on topology. The fol-
lowing details the design of the magnetics for a push-pull
converter. In this converter the transformer usually stores
little energy. The following equations should be consid-
ered as the starting point to building a prototype.
The following definitions will be used:
VIN = Input supply voltage
RON = Switch-on resistance
ISW = Maximum switch current
VOUT = Desired output voltage
IOUT = Output current
f = Oscillator frequency
VF = Forward drop of the rectifier
Duty cycle is the major defining equation for this topology.
Note that the output L and C basically filter the chopped
voltage so duty cycle controls output voltage. N is the
turns ratio of the transformer. The turns ratio must be
large enough to ensure that the transformer can put out a
voltage equal to the output voltage plus the diode under
minimum input conditions. Note the transformer operates
at half the oscillator frequency (f).
N
VV
DC
V
I
R
R
OUT
F
MAX
IN MIN
SW
ON
SENSE
=
+
()
−+
()
[]
2•
()
DCMAX is the maximum duty cycle of each driver with
respect to the entire cycle, which consists of two periods
(A on and B on). So the effective duty cycle is 2 • DCMAX.
The controller, in general, determines maximum duty
cycle. A 44% maximum duty cycle is a guaranteed value
for this part.
Remember to add sufficient margin in the turns ratio to
account for IR drops in the transformer windings, worst-
case diode forward drops and switch on voltage. Also at
very slow slew rates the effective DC may be reduced.
There are a number of ways to choose the inductance
value for L. We suggest as a starting point that L be
selected such that the converter is continuous at
IOUT(MAX)/4. If your minimum IOUT is higher than this or
your components can handle higher peak currents then
use a higher number.
Figure 7. Push-Pull Topology
1:N
LPRI
D2
D1
L
CROUT
RSENSE
VOUT
VIN
1683 F07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com