Electronic Components Datasheet Search
  English  ▼

X  

LT1683 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1683
Description  Ultralow Noise Push-Pull DC/DC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1683 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1683 Datasheet HTML 3Page - Linear Technology LT1683 Datasheet HTML 4Page - Linear Technology LT1683 Datasheet HTML 5Page - Linear Technology LT1683 Datasheet HTML 6Page - Linear Technology LT1683 Datasheet HTML 7Page - Linear Technology LT1683 Datasheet HTML 8Page - Linear Technology LT1683 Datasheet HTML 9Page - Linear Technology LT1683 Datasheet HTML 10Page - Linear Technology LT1683 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
LT1683
1683f
Gate Drive
GATE A, GATE B (Pins 1, 19): These pins connect to the
gates of the external N-channel MOSFETs. GATE A and
GATE B turn on with alternate clock cycles. These drivers
are capable of sinking and sourcing at least 300mA.
The GCL pin sets the upper voltage of the gate drive. The
gate pins will not be activated until VIN reaches a minimum
voltage as defined by the GCL pin (gate undervoltage
lockout).
The gate drive outputs have current limit protection to safe
guard against accidental shorts.
If the gate drive voltage is greater than about 1V the
opposite gate drive is inhibited thus preventing cross
conduction.
GCL (Pin 3): This pin sets the maximum gate voltage to the
GATE A and GATE B pins to the MOSFET gate drives. This
pin should be either tied to a Zener, a voltage source or VIN.
If the pin is tied to a Zener or a voltage source, the
maximum gate drive voltage will be approximately
VGCL – 0.2V. If it is tied to VIN, the maximum gate voltage
is approximately VIN – 1.6.
Approximately 50
µA of current can be sourced from this
pin if VGCL < VIN – 0.8V.
This pin also controls undervoltage lockout of the gate
drives. If the pin is tied to a Zener or voltage source, the
gate drive will not be enabled until VIN > VGCL + 0.8V. If this
pin is tied to VIN, then undervoltage lockout is disabled.
There is an internal 19V Zener tied from this pin to ground
to provide a fail-safe for maximum gate voltage.
Slew Control
CAP A, CAP B (Pins 2, 18): These pins are the feedback
nodes for the external voltage slewing capacitors. Nor-
mally a small 1pf to 5pf capacitor is connected from this
pin to the drain of its respective MOSFET.
The voltage slew rate is inversely proportional to this
capacitance and proportional to the current that the part
will sink and source on this pin. That current is inversely
proportional to RVSL.
RCSL (Pin 15): A resistor to ground sets the current slew
rate for the external drive MOSFETs during switching. The
minimum resistor value is 3.3k and the maximum value is
68k. The time to slew between on and off states of the
MOSFET current will determine how the di/dt related
harmonics are reduced. This time is proportional to RCSL
and RS (the current sense resistor) and maximum current.
Longer times produce a greater reduction of higher fre-
quency harmonics.
RVSL (Pin 16): A resistor to ground sets the voltage slew
rate for the drains of the external drive MOSFETs. The
minimum resistor value is 3.3k and the maximum value is
68k. The time to slew between on and off states on the
MOSFET drain voltage will determine how harmonics are
reduced from this source. This time is proportional to
RVSL, CVA/B and the input voltage. Longer times produce
more rolloff of harmonics. CVA/B is the equivalent capaci-
tance from CAP A or B to the drain of the MOSFET.
Switch Mode Control
SS (Pin 3): The SS pin allows for ramping of the switch
current threshold at startup. Normally a capacitor is placed
on this pin to ground. An internal 9
µA current source will
charge this capacitor up. The voltage on the VC pin cannot
exceed the voltage on SS. Thus peak current will ramp up
as the SS pin ramps up. During a short circuit fault the SS
pin will be discharged to ground thus reinitializing soft-
start.
When SS is below the VC clamp voltage the VC pin will
closely track the SS pin.
This pin can be left open if not used.
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com