Electronic Components Datasheet Search
  English  ▼

X  

UPD754304GS Datasheet(PDF) 3 Page - NEC

Part # UPD754304GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD754304GS Datasheet(HTML) 3 Page - NEC

  UPD754304GS Datasheet HTML 1Page - NEC UPD754304GS Datasheet HTML 2Page - NEC UPD754304GS Datasheet HTML 3Page - NEC UPD754304GS Datasheet HTML 4Page - NEC UPD754304GS Datasheet HTML 5Page - NEC UPD754304GS Datasheet HTML 6Page - NEC UPD754304GS Datasheet HTML 7Page - NEC UPD754304GS Datasheet HTML 8Page - NEC UPD754304GS Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 74 page
background image
µPD754302, 754304, 754302(A), 754304(A)
3
Functional Outline
Parameter
Function
Instruction execution time
• 0.95, 1.91, 3.81, 15.3
µs (@ 4.19 MHz with system clock)
• 0.67, 1.33, 2.67, 10.7
µs (@ 6.0 MHz with system clock)
On-chip memory
ROM
2048
× 8 bits (
µPD754302)
4096
× 8 bits (
µPD754304)
RAM
256
× 4 bits
General-purpose register
• 4-bit operation: 8
× 4 banks
• 8-bit operation: 4
× 4 banks
Input/
CMOS input
8
On-chip pull-up resistors can be specified by software: 7
output
CMOS input/output
18
On-chip pull-up resistors can be specified by software: 18
port
N-ch open-drain
4
13 V withstand voltage. On-chip pull-up resistors can be specified by
input/output pins
mask option.
Total
30
Timer
3 channels
• 8-bit timer/event counter: 2 channels (16-bit timer/event counter)
• Basic interval timer/watchdog timer: 1 channel
Serial interface
• 3-wire serial I/O mode ... MSB or LSB can be selected for transferring top bit
• 2-wire serial I/O mode
Bit sequential buffer
16 bits
Clock output (PCL)
•
Φ, 524, 262, 65.5 kHz (@ 4.19 MHz with system clock)
•
Φ, 750, 375, 93.8 kHz (@ 6.0 MHz with system clock)
Vectored interrupts
External: 3, Internal: 4
Test input
External: 1
System clock oscillator
Ceramic or crystal oscillator
Standby function
STOP/HALT mode
Operating ambient
TA = –40 to +85 ˚C
temperature
Power supply voltage
VDD = 1.8 to 5.5 V
Package
36-pin plastic shrink SOP (300 mil, 0.8-mm pitch)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com