Electronic Components Datasheet Search
  English  ▼

X  

UPD754304GS Datasheet(PDF) 39 Page - NEC

Part # UPD754304GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD754304GS Datasheet(HTML) 39 Page - NEC

Back Button UPD754304GS Datasheet HTML 35Page - NEC UPD754304GS Datasheet HTML 36Page - NEC UPD754304GS Datasheet HTML 37Page - NEC UPD754304GS Datasheet HTML 38Page - NEC UPD754304GS Datasheet HTML 39Page - NEC UPD754304GS Datasheet HTML 40Page - NEC UPD754304GS Datasheet HTML 41Page - NEC UPD754304GS Datasheet HTML 42Page - NEC UPD754304GS Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
µPD754302, 754304, 754302(A), 754304(A)
39
(3) Explanation of symbols under addressing area column
*1
MB = MBE•MBS
(MBS = 0, 15)
*2
MB = 0
*3
MBE = 0 : MB = 0 (000H-07FH)
MB = 15 (F80H-FFFH)
Data memory addressing
MBE = 1 : MB = MBS (MBS = 0, 15)
*4
MB = 15, fmem = FB0H-FBFH, FF0H-FFFH
*5
MB = 15, pmem = FC0H-FFFH
*6
µPD754302
addr = 0000H-07FFH
µPD754304
addr = 0000H-0FFFH
*7
addr
= (Current PC) – 15 to (Current PC) – 1
(Current PC) + 2 to (Current PC) + 16
addr1 = (Current PC) – 15 to (Current PC) – 1
(Current PC) + 2 to (Current PC) + 16
*8
µPD754302
caddr = 0000H-07FFH
Program memory addressing
µPD754304
caddr = 0000H-0FFFH (PC12 = 0)
*9
faddr = 0000H-07FFH
*10
taddr = 0020H-007FH
*11
µPD754302
addr1 = 0000H-07FFH
µPD754304
addr1 = 0000H-0FFFH
Remarks 1.
MB indicates memory bank that can be accessed.
2.
In *2, MB = 0 independently of how MBE and MBS are set.
3.
In *4 and *5, MB = 15 independently of how MBE and MBS are set.
4.
*6 to *11 indicate the areas that can be addressed.
(4) Explanation of number of machine cycles column
S denotes the number of machine cycles required by skip operation when a skip instruction is executed.
The value of S varies as follows.
• When no skip is made: S = 0
• When the skipped instruction is a 1- or 2-byte instruction: S = 1
• When the skipped instruction is a 3-byte instruction Note: S = 2
Note 3-byte instruction: BR !addr, BRA !addr1, CALL !addr or CALLA !addr1 instruction
Caution The GETI instruction is skipped in one machine cycle.
One machine cycle is equal to one cycle of CPU clock (= tCY); time can be selected from among four types
by setting PCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com