Electronic Components Datasheet Search
  English  ▼

X  

UPD754304GS Datasheet(PDF) 14 Page - NEC

Part # UPD754304GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD754304GS Datasheet(HTML) 14 Page - NEC

Back Button UPD754304GS Datasheet HTML 10Page - NEC UPD754304GS Datasheet HTML 11Page - NEC UPD754304GS Datasheet HTML 12Page - NEC UPD754304GS Datasheet HTML 13Page - NEC UPD754304GS Datasheet HTML 14Page - NEC UPD754304GS Datasheet HTML 15Page - NEC UPD754304GS Datasheet HTML 16Page - NEC UPD754304GS Datasheet HTML 17Page - NEC UPD754304GS Datasheet HTML 18Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 74 page
background image
µPD754302, 754304, 754302(A), 754304(A)
14
4. SWITCHING FUNCTION BETWEEN Mk I MODE AND Mk II MODE
4.1 Difference between Mk I and Mk II Modes
The CPU of
µPD754304 has the following two modes: Mk I and Mk II, either of which can be selected. The
mode can be switched by the bit 3 of the stack bank select register (SBS).
•
Mk I mode:
Can be used in the 75XL CPU with a ROM capacity of up to 16K bytes.
•
Mk II mode:
Can be used in all the 75XL CPU’s including those products whose ROM capacity is more
than 16K bytes.
Table 4-1. Differences between Mk I Mode and Mk II Mode
Mk I mode
Mk II mode
Number of stack bytes
2 bytes
3 bytes
for subroutine instructions
BRA !addr1 instruction
Not available
Available
CALLA !addr1 instruction
CALL !addr instruction
3 machine cycles
4 machine cycles
CALLF !faddr instruction
2 machine cycles
3 machine cycles
Caution
The Mk II mode supports a program area exceeding 16K bytes in the 75X and 75XL
series. This mode can improve software compatibility with products with a program
area of more than 16K bytes.
When Mk II mode is selected, the number of stack bytes when a subroutine call
instruction is executed is greater by 1 byte per stack compared with the Mk I mode.
When the CALL !addr or CALLF !faddr instruction is used, one more machine cycle is
required. To emphasize the efficiency of the RAM and processing speed rather than
software compatibility, therefore, use the Mk I mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com