Electronic Components Datasheet Search
  English  ▼

X  

UPD754304GS Datasheet(PDF) 44 Page - NEC

Part # UPD754304GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD754304GS Datasheet(HTML) 44 Page - NEC

Back Button UPD754304GS Datasheet HTML 40Page - NEC UPD754304GS Datasheet HTML 41Page - NEC UPD754304GS Datasheet HTML 42Page - NEC UPD754304GS Datasheet HTML 43Page - NEC UPD754304GS Datasheet HTML 44Page - NEC UPD754304GS Datasheet HTML 45Page - NEC UPD754304GS Datasheet HTML 46Page - NEC UPD754304GS Datasheet HTML 47Page - NEC UPD754304GS Datasheet HTML 48Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 74 page
background image
44
µPD754302, 754304, 754302(A), 754304(A)
Instruction
Number
Number
Addressing
Mnemonic
Operand
of machine
Operation
Skip condition
group
of bytes
cycles
area
Branch
BR
BCDE
2
3
• µPD754302
*6
PC10–0
← BCDE Note1
• µPD754304
PC11–0
← BCDE Note2
BCXA
2
3
• µPD754302
*6
PC10–0
← BCXA Note1
• µPD754304
PC11–0
← BCXA Note2
BRA Note3
!addr1
3
3
• µPD754302
*11
PC10–0
← addr1
• µPD754304
PC11–0
← addr1
BRCB
!caddr
2
2
• µPD754302
*8
PC10–0
← caddr10–0
• µPD754304
PC11–0
← caddr11–0
Subroutine
CALLANote3 !addr1
3
3
• µPD754302
*11
stack control
(SP–2)
← ×, ×, MBE, RBE
(SP–6) (SP–3) (SP–4)
← PC10–0
(SP–5)
← 0, 0, 0, 0
PC10–0
← addr1, SP ← SP–6
• µPD754304
(SP–2)
← ×, ×, MBE, RBE
(SP–6) (SP–3) (SP–4)
← PC11–0
(SP–5)
← 0, 0, 0, 0
PC11–0
← addr1, SP ← SP–6
CALL Note3
!addr
3
3
• µPD754302
*6
(SP–3)
← MBE, RBE, 0, 0
(SP–4) (SP–1) (SP–2)
← PC10–0
PC10–0
← addr, SP ← SP–4
• µPD754304
(SP–3)
← MBE, RBE, 0, 0
(SP–4) (SP–1) (SP–2)
← PC11–0
PC11–0
← addr, SP ← SP–4
4
• µPD754302
(SP–2)
← ×, ×, MBE, RBE
(SP–6) (SP–3) (SP–4)
← PC10–0
(SP–5)
← 0, 0, 0, 0
PC10–0
← addr, SP ← SP–6
• µPD754304
(SP–2)
← ×, ×, MBE, RBE
(SP–6) (SP–3) (SP–4)
← PC11–0
(SP–5)
← 0, 0, 0, 0
PC11–0
← addr, SP ← SP–6
Notes 1.
“0” must be set to the most significant bit of the register C and register B.
2.
“0” must be set to register B.
3.
The above operations in the double boxes can be performed only in the Mk II mode. The other
operations can be performed only in the Mk I mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com