Electronic Components Datasheet Search
  English  ▼

X  

UPD754304GS Datasheet(PDF) 21 Page - NEC

Part # UPD754304GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD754304GS Datasheet(HTML) 21 Page - NEC

Back Button UPD754304GS Datasheet HTML 17Page - NEC UPD754304GS Datasheet HTML 18Page - NEC UPD754304GS Datasheet HTML 19Page - NEC UPD754304GS Datasheet HTML 20Page - NEC UPD754304GS Datasheet HTML 21Page - NEC UPD754304GS Datasheet HTML 22Page - NEC UPD754304GS Datasheet HTML 23Page - NEC UPD754304GS Datasheet HTML 24Page - NEC UPD754304GS Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 74 page
background image
µPD754302, 754304, 754302(A), 754304(A)
21
Note Instruction execution
Remarks 1.
fX = System clock frequency
2.
Φ = CPU clock
3.
PCC: Processor Clock Control Register
4.
One clock cycle (tCY) of the CPU clock is equal to one machine cycle of the instruction.
X1
X2
fX
System
clock oscillator
4
HALTNote
STOPNote
PCC0
PCC1
PCC2
PCC3
PCC2,
PCC3
Clear
STOP
F/F
Q
S
R
Oscillation
stop
HALT F/F
S
R
Wait signal from BT
RESET signal
Standby release signal from
interrupt control circuit
· CPU
· INT0 noise eliminator
· Clock output circuit
Φ
1/4
Divider
1/1 to 1/4096
Divider
1/2 1/4 1/16
· Basic interval timer (BT)
· Timer/event counters 0, 1
· Serial interface
· INT0 noise eliminator
· Clock output circuit
PCC
Q
Selector
6.2 Clock Generator
•
Clock generator configuration
The clock generator provides the clock signals to the CPU and peripheral hardware and its configuration
is shown in Figure 6-1.
The operation of the clock generator is set with the processor clock control register (PCC).
The instruction execution time can be changed.
• 0.95, 1.91, 3.81, 15.3
µs (system clock operating at 4.19 MHz)
• 0.67, 1.33, 2.67, 10.7
µs (system clock operating at 6.0 MHz)
Figure 6-1. Clock Generator Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com