Electronic Components Datasheet Search
  English  ▼

X  

UPD754304GS Datasheet(PDF) 1 Page - NEC

Part # UPD754304GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD754304GS Datasheet(HTML) 1 Page - NEC

  UPD754304GS Datasheet HTML 1Page - NEC UPD754304GS Datasheet HTML 2Page - NEC UPD754304GS Datasheet HTML 3Page - NEC UPD754304GS Datasheet HTML 4Page - NEC UPD754304GS Datasheet HTML 5Page - NEC UPD754304GS Datasheet HTML 6Page - NEC UPD754304GS Datasheet HTML 7Page - NEC UPD754304GS Datasheet HTML 8Page - NEC UPD754304GS Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 74 page
background image
4-BIT SINGLE-CHIP MICROCONTROLLER
The
µPD754304 is one of the “75XL Series” 4-bit single-chip microcontrollers with data processing capability
comparable to that of 8-bit microcontrollers. The
µPD754303(A) has a higher reliability than the µPD754304.
The microcontrollers in the 75XL Series have expanded CPU functions than those of the 75X Series and can
operate at a voltage of as low as 1.8 V; therefore, they are ideal for battery-driven application systems.
As the one-time PROM version of the
µPD754304, the µPD75P4308 is ideal for evaluation of a system under
development or for small-scale production of application systems.
Detailed information about functions can be found in the following document. Be sure to read the following
document before designing.
µPD754304 User’s Manual: U10123E
FEATURES
•
Low-voltage operation: VDD = 1.8 to 5.5 V
•
Internal memory
Program memory (ROM):
2048
× 8 bits (
µPD754302, 754302(A))
4096
× 8 bits (
µPD754304, 754304(A))
Data memory (RAM): 256
× 4 bits
APPLICATIONS
•
µPD754302, 754302(A)
Cordless telephones, TVs, VCRs, audio systems, household appliances, office machines, etc.
•
µPD754304, 754304(A)
Automotive appliance, etc.
The
µPD754302 and 754304 differ from the µPD754302(A) and 754304(A) only in terms of their quality grade.
Unless otherwise specified, the
µPD754304 is treated as a representative model in this Data Sheet.
For the models other than the
µPD754304, µPD754304 can be read as the other model name.
If different descriptions are made for the
µPD754302 and 754304, the (A) models correspond as follows:
µPD754302 → µPD754302(A), µPD754304 → µPD754304(A)
MOS INTEGRATED CIRCUIT
The information in this document is subject to change without notice.
Document No. U10797EJ2V0DS00 (2nd edition)
Date Published November 1996 N
Printed in Japan
µPD754302,754304,754302(A),754304(A)
•
Variable instruction execution time effective for high-
speed operation and power saving
0.95, 1.91, 3.81, or 15.3
µs (at 4.19 MHz)
0.67, 1.33, 2.67, or 10.7
µs (at 6.0 MHz)
•
Internal serial interface (1 channel)
•
Powerful timer function (3 channels)
•
Inherits instruction set of existing 75X Series for easy
replacement
The mark
shows major revised points.
©
1996
DATA SHEET


Similar Part No. - UPD754304GS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD754304GS-XXX RENESAS-UPD754304GS-XXX Datasheet
579Kb / 75P
MOS INTEGRATED CIRCUIT
1996
UPD754304GS-XXX-A RENESAS-UPD754304GS-XXX-A Datasheet
579Kb / 75P
MOS INTEGRATED CIRCUIT
1996
More results

Similar Description - UPD754304GS

ManufacturerPart #DatasheetDescription
logo
NEC
UPD750104 NEC-UPD750104 Datasheet
525Kb / 80P
4 BIT SINGLE-CHIP MICROCONTROLLER
UPD753104 NEC-UPD753104 Datasheet
547Kb / 90P
4-BIT SINGLE-CHIP MICROCONTROLLER
UPD753304 NEC-UPD753304 Datasheet
374Kb / 56P
4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P0076 NEC-UPD75P0076 Datasheet
410Kb / 62P
4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P036 NEC-UPD75P036 Datasheet
376Kb / 52P
4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3116 NEC-UPD75P3116 Datasheet
351Kb / 60P
4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3216 NEC-UPD75P3216 Datasheet
362Kb / 56P
4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P4308 NEC-UPD75P4308 Datasheet
271Kb / 60P
4-BIT SINGLE-CHIP MICROCONTROLLER
logo
Sanyo Semicon Device
LC573010A SANYO-LC573010A Datasheet
154Kb / 12P
4-bit Single Chip Microcontroller
logo
NEC
UPD17P133 NEC-UPD17P133 Datasheet
1Mb / 289P
4-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com