Electronic Components Datasheet Search
  English  ▼

X  

UPD754304GS Datasheet(PDF) 49 Page - NEC

Part # UPD754304GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD754304GS Datasheet(HTML) 49 Page - NEC

Back Button UPD754304GS Datasheet HTML 45Page - NEC UPD754304GS Datasheet HTML 46Page - NEC UPD754304GS Datasheet HTML 47Page - NEC UPD754304GS Datasheet HTML 48Page - NEC UPD754304GS Datasheet HTML 49Page - NEC UPD754304GS Datasheet HTML 50Page - NEC UPD754304GS Datasheet HTML 51Page - NEC UPD754304GS Datasheet HTML 52Page - NEC UPD754304GS Datasheet HTML 53Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 74 page
background image
µPD754302, 754304, 754302(A), 754304(A)
49
12. ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (TA = 25
°C)
Parameter
Symbol
Test Conditions
Ratings
Unit
Supply voltage
VDD
–0.3 to +7.0
V
Input voltage
VI1
Except port 5
–0.3 to VDD + 0.3
V
VI2
Port 5
Pull-up resistor incorporated
–0.3 to VDD + 0.3
V
N-ch open-drain
–0.3 to +14
V
Output voltage
VO
–0.3 to VDD + 0.3
V
Output current, high
IOH
Per pin
–10
mA
For all pins
–30
mA
Output current, low
IOL Note
Per pin
30
mA
For all pins
220
mA
Operating ambient
TA
–40 to +85
°C
temperature
Storage temperature
Tstg
–65 to +150
°C
Caution If any of the parameters exceeds the absolute maximum ratings, even momentarily, the quality
of the product may be impaired. The absolute maximum ratings are values that may physically
damage the products. Be sure to use the products within the ratings.
Capacitance (TA = 25
°C, VDD = 0 V)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Input capacitance
CIN
f = 1 MHz
15
pF
Output capacitance
COUT
Unmeasured pins returned to 0 V
15
pF
I/O capacitance
CIO
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com