Electronic Components Datasheet Search
  English  ▼

X  

UPD754304GS Datasheet(PDF) 47 Page - NEC

Part # UPD754304GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD754304GS Datasheet(HTML) 47 Page - NEC

Back Button UPD754304GS Datasheet HTML 43Page - NEC UPD754304GS Datasheet HTML 44Page - NEC UPD754304GS Datasheet HTML 45Page - NEC UPD754304GS Datasheet HTML 46Page - NEC UPD754304GS Datasheet HTML 47Page - NEC UPD754304GS Datasheet HTML 48Page - NEC UPD754304GS Datasheet HTML 49Page - NEC UPD754304GS Datasheet HTML 50Page - NEC UPD754304GS Datasheet HTML 51Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 74 page
background image
µPD754302, 754304, 754302(A), 754304(A)
47
Instruction
Number
Number
Addressing
Mnemonic
Operand
of machine
Operation
Skip condition
group
of bytes
cycles
area
CPU control
HALT
2
2
Set HALT Mode (PCC.2
← 1)
STOP
2
2
Set STOP Mode (PCC.3
← 1)
NOP
1
1
No Operation
Special
SEL
RBn
2
2
RBS
← n
(n = 0-3)
MBn
2
2
MBS
← n
(n = 0, 15)
GETI Notes 1, 2 taddr
1
3
• µPD754302
*10
• When TBR instruction
PC10–0
← (taddr) 2–0 + (taddr+1)
• When TCALL instruction
(SP–4) (SP–1) (SP–2)
← PC10–0
(SP–3)
← MBE, RBE, 0, 0
PC10–0
← (taddr) 2–0 + (taddr+1)
SP
← SP–4
• When instruction other than TBR and
Depending on
TCALL instructions
the reference
(taddr) (taddr+1) instruction is executed.
instruction
• µPD754304
• When TBR instruction
PC11–0
← (taddr) 3–0 + (taddr+1)
• When TCALL instruction
(SP–4) (SP–1) (SP–2)
← PC11–0
(SP–3)
← MBE, RBE, 0, 0
PC11–0
← (taddr) 3–0 + (taddr+1)
SP
← SP–4
• When instruction other than TBR and
Depending on
TCALL instructions
the reference
(taddr) (taddr+1) instruction is executed.
instruction
3
• µPD754302
*10
• When TBR instruction
PC10–0
← (taddr) 2–0 + (taddr+1)
4
• When TCALL instruction
(SP–6) (SP–3) (SP–4)
← PC10–0
(SP–5)
← 0, 0, 0, 0
(SP–2)
← ×, ×, MBE, RBE
PC10–0
← (taddr) 2–0 + (taddr+1)
SP
← SP–6
3
• When instruction other than TBR and
Depending on
TCALL instructions
the reference
(taddr) (taddr+1) instruction is executed.
instruction
Notes 1.
The TBR and TCALL instructions are the table definition assembler directives of the GETI instruction.
2.
The above operations in the double boxes can be performed only in the Mk II mode. The other
operations can be performed only in the Mk I mode.
––––––––––––––––––––––––––––––––––––– –––
––––––––––––
––––––––––––––––––––––––––––––––––––– –––
––––––––––––
––––––––––––
––––––––––––––––––––––––––––––––––
––––––––––––––––––––––––––––––––––
––––––––––––
––––––––––––––––––––––––––––––––––
––––––––––––
––––––––––––––––––––––––––––––––––
––––––––––––



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com