Electronic Components Datasheet Search
  English  ▼

X  

UPD754304GS Datasheet(PDF) 12 Page - NEC

Part # UPD754304GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD754304GS Datasheet(HTML) 12 Page - NEC

Back Button UPD754304GS Datasheet HTML 8Page - NEC UPD754304GS Datasheet HTML 9Page - NEC UPD754304GS Datasheet HTML 10Page - NEC UPD754304GS Datasheet HTML 11Page - NEC UPD754304GS Datasheet HTML 12Page - NEC UPD754304GS Datasheet HTML 13Page - NEC UPD754304GS Datasheet HTML 14Page - NEC UPD754304GS Datasheet HTML 15Page - NEC UPD754304GS Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 74 page
background image
µPD754302, 754304, 754302(A), 754304(A)
12
VDD
P-ch
N-ch
IN/OUT
VDD
P-ch
P.U.R.
P.U.R.
enable
output
disable
(P)
data
output
disable
output
disable
(N)
P.U.R. : Pull-Up Resistor
TYPE F-B
TYPE M-D
P-ch
VDD
P.U.R.
Note
IN/OUT
VDD
data
output
disable
P.U.R. : Pull-Up Resistor
P.U.R.
(Mask Option)
N-ch
(+13 V)
(+13 V)
Note
Voltage
limiting
circuit
Input
instruction
If this pull-up resistor is not connected using the mask
option it operates only when the input instruction is
executed (if the pin is low, current flows from VDD to the
pin).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com