Electronic Components Datasheet Search
  English  ▼

X  

UPD754304GS Datasheet(PDF) 61 Page - NEC

Part # UPD754304GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD754304GS Datasheet(HTML) 61 Page - NEC

Back Button UPD754304GS Datasheet HTML 57Page - NEC UPD754304GS Datasheet HTML 58Page - NEC UPD754304GS Datasheet HTML 59Page - NEC UPD754304GS Datasheet HTML 60Page - NEC UPD754304GS Datasheet HTML 61Page - NEC UPD754304GS Datasheet HTML 62Page - NEC UPD754304GS Datasheet HTML 63Page - NEC UPD754304GS Datasheet HTML 64Page - NEC UPD754304GS Datasheet HTML 65Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 74 page
background image
µPD754302, 754304, 754302(A), 754304(A)
61
13. CHARACTERISTICS CURVES (REFERENCE VALUES)
IDD VS VDD (System Clock: 6.0-MHz Crystal Resonator)
012345678
0.001
0.005
0.01
0.05
0.1
0.5
1.0
5.0
10
X1
X2
6.0 MHz
22 pF
22 pF
PCC = 0011
PCC = 0010
PCC = 0001
PCC = 0000
HALT Mode
System clock
Crystal
resonator
Supply Voltage VDD (V)
(TA = 25 °C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com