Electronic Components Datasheet Search
  English  ▼

X  

LTC1759 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1759
Description  Smart Battery Charger
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1759 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1759 Datasheet HTML 4Page - Linear Technology LTC1759 Datasheet HTML 5Page - Linear Technology LTC1759 Datasheet HTML 6Page - Linear Technology LTC1759 Datasheet HTML 7Page - Linear Technology LTC1759 Datasheet HTML 8Page - Linear Technology LTC1759 Datasheet HTML 9Page - Linear Technology LTC1759 Datasheet HTML 10Page - Linear Technology LTC1759 Datasheet HTML 11Page - Linear Technology LTC1759 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
LTC1759
VC (Pin 27): This is the control signal of the inner loop of
the current mode PWM. Switching starts at 0.9V. Higher
VC corresponds to higher charging current in normal
operation. A capacitor of at least 0.33
µFtoAGNDfiltersout
noise and controls the rate of soft start.
PROG (Pin 28): This pin is for programming the charging
current and for system loop compensation. During normal
operation, the pin voltage is approximately 2.465V.
SENSE (Pin 29): Current Amplifier CA1 Input. Sensing
must be at the positive terminal of the battery.
SPIN (Pin 30): This pin is for the internal amplifier
CA1 bias. It must be connected to RSENSE as shown in
Figure 1.
BAT1 (Pin 31): Current Amplifier CA1 Input.
BOOSTC (Pin 33): This pin is used to bootstrap and supply
the current sense amplifier CA1 for very low dropout
conditions. VCC can be as low as only 0.4V above the
battery voltage. A diode and a capacitor are needed to get
the voltage from VBOOST. If low dropout is not needed and
VCC is always 3V or greater than VBAT, this pin can be left
floating or tied to VCC. Do not force this pin to a voltage
lower than VCC.
BGATE (Pin 35): Drives the gate of the bottom external
N-channel FET of the charger buck converter.
Monitor/Fault Diagnostic Pins
DCDIV (Pin 21): Supply Divider Input. This is a high
impedance comparator input with a 1V threshold (rising
edge) and hysteresis.
DCIN (Pin 22): Input connected to the DC input source to
monitor the DC input for power-fail condition.
BAT2 (Pin 23): Sensing Point for Voltage Control Loop.
Connect this to the positive terminal of the battery.
Internal Power Supply Pins
AGND (Pin 6): DC Accurate Ground for Analog Circuitry.
VDD (Pin 16): Low Voltage Power Supply Input. Bypass
this pin with 0.1
µF.
DGND (Pin 18): Ground for Digital Circuitry and DACs.
Should be connected to AGND at the negative terminal
of the charger output filter capacitor.
VCC (Pin 32): Power Input for Battery Charger Section.
Bypass this pin with 0.47
µF.
GBIAS (Pin 34): 8.6V Regulator Output for Bootstrapping
VBOOST and VBOOSTC. A bypass capacitor of at least 2µF is
needed. Switching will stop if VBOOST drops below 7.1V.
PGND (Pin 36): High Current Ground Return for Charger
Gate Drivers.
SBS Interface Pins
INTB (Interrupt Bar) (Pin 13): Active Low Interrupt Output
to Host. Signals host that there has been a change of status
in the charger registers and that the host should read the
LTC1759 status registers to determine if any action on its
part is required. This signal can be connected to the
optional SMBALERT# line of the SMBus. Open drain with
weak current source pull-up to VDD (with Schottky to allow
it to be pulled to 5V externally, see Figure 2).
SDA (Pin 14): SMBus Data Signal from Main (Host-
controlled) SMBus.
SCL (Pin 15): SMBus Clock Signal from Main (Host-
Controlled) SMBus. External pull-up resistor is required.
THERM (Pin 19): Thermistor Force/Sense Pin to Smart
Battery. See Electrical Characteristics table for more
detail. Maximum allowed combined capacitance on THERM
and RNR is 75pF.
RNR (Pin 20): Thermistor Force/Sense Pin to Smart
Battery. See Electrical Characteristics table for more
detail. Maximum allowed combined capacitance on THERM
and RNR is 75pF.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com