Electronic Components Datasheet Search
  English  ▼

X  

LTC1759 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1759
Description  Smart Battery Charger
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1759 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1759 Datasheet HTML 3Page - Linear Technology LTC1759 Datasheet HTML 4Page - Linear Technology LTC1759 Datasheet HTML 5Page - Linear Technology LTC1759 Datasheet HTML 6Page - Linear Technology LTC1759 Datasheet HTML 7Page - Linear Technology LTC1759 Datasheet HTML 8Page - Linear Technology LTC1759 Datasheet HTML 9Page - Linear Technology LTC1759 Datasheet HTML 10Page - Linear Technology LTC1759 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
LTC1759
Input Power-Related Pins
UV (Pin 7): Charger Section Undervoltage Lockout Pin.
The rising threshold is 6.7V with a hysteresis of 0.5V.
Switching stops in undervoltage lockout. Connect this
input to the input voltage source with no resistor divider.
UV must be pulled below 0.7V when there is no input
voltage source (5k resistor from adapter output to ground
is required) to obtain the lowest quiescent battery current.
INFET (Pin 8): Gate Drive to Input P-channel FET. For very
low dropout applications, use an external P-channel FET to
connect the adapter output and VCC. INFET is clamped to
7.8V below VCC.
CLP (Pin 9): Positive Input to the Input Current Limit
Amplifier CL1. When used to limit supply current, a filter
(R3 and C1 of Figure 10) is needed to filter out the
switching noise. The threshold is set at 92mV.
CLN (Pin 10): Negative Input to the Input Current Limit
Amplifier CL1. It should be connected to VCC (to the VCC
bypass capacitor C2 for less noise).
COMP1 (Pin 11): Compensation Node for the Input Cur-
rent Limit Amplifier CL1. At input adapter current limit, this
node rises to 1V. By forcing COMP1 low with an external
transistor, amplifier CL1 will be defeated (no adapter
current limit). COMP1 can source 200
µA. Ground (to
AGND) this pin if the adapter current limiting function is
not used.
Battery Charging-Related Pins
BOOST (Pin 1): This pin is used to bootstrap and supply
power for the topside power switch gate drive and control
circuity. In normal operation, VBOOST is powered from an
internally generated 8.6V regulator VGBIAS, VBOOST ≈ VCC
+ 8.9V when TGATE is high. Do not force an external
voltage on BOOST pin.
TGATE (Pin 2): This pin provides gate drive to the topside
power FET. When TGATE is driven on, the gate voltage will
be approximately equal to VSW + 6.6V. A series resistor of
5
Ω to 10Ω should be used from this pin to the gate of the
topside FET.
PIN FUNCTIONS
SW (Pin 3): This pin is the reference point for the floating
topside gate drive circuitry. It is the common connection
for the top and bottom side switches and the output
inductor. This pin switches between ground and VCC with
very high dv/dt rates. Care needs to be taken in the PC
layout to keep this node from coupling to other sensitive
nodes. A 1A Schottky clamping diode should be placed
very close to the chip from the ground pin to this pin to
prevent the chip substrate diode from turning on. See
Applications Information for more details.
SYNC (Pin 4): External Clock Synchronization Input. Pulse
width range: 10% to 90%.
SDB (Shutdown Bar) (Pin 5): Active Low Digital Input. The
charger is disabled when asserted. This pin is connected
to the CHGEN pin to enable charger control through the
SMBus interface.
CHGEN (Pin 12): Digital Output to Enable Charger Func-
tion. Connect CHGEN to SDB.
ISET (Pin 17): Open-Drain CMOS Switch to DGND. An
external resistor, RSET, is connected from ISET to the
current programming input, the PROG pin of the battery
charger section, which sets the range of the charging
current.
ILIMIT (Pin 24): An external resistor is connected between
this pin and DGND. The value of the external resistor
programs the range and resolution of the programmed
charger current. See Electrical Characteristics table for
more information.
VLIMIT (Pin 25): An external resistor is connected between
this pin and DGND. The value of the external resistor
programs the range and resolution of the VSET divider. See
Electrical Characteristics table for more information.
VSET (Pin 26): This is the tap point of the programmable
resistor divider, which provides battery voltage feedback
to the charger.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com