Electronic Components Datasheet Search
  English  ▼

X  

LTC1759 Datasheet(PDF) 28 Page - Linear Technology

Part # LTC1759
Description  Smart Battery Charger
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1759 Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC1759 Datasheet HTML 20Page - Linear Technology LTC1759 Datasheet HTML 21Page - Linear Technology LTC1759 Datasheet HTML 22Page - Linear Technology LTC1759 Datasheet HTML 23Page - Linear Technology LTC1759 Datasheet HTML 24Page - Linear Technology LTC1759 Datasheet HTML 25Page - Linear Technology LTC1759 Datasheet HTML 26Page - Linear Technology LTC1759 Datasheet HTML 27Page - Linear Technology LTC1759 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
28
LTC1759
1759f LT/TP 0500 4K • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1998
TYPICAL APPLICATION
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1473
Dual PowerPath
TM Switch Driver
Switches Between Two Voltages
LTC1479
PowerPath Controller for Dual Battery Systems
Switches Two Batteries, AC Adapter and Charger
LT1505
High Efficiency Constant-Current/Constant-Voltage Charger
Up to 97% Efficiency with Input Current Limiting
LT1511
Monolithic 3A Constant-Current/Constant-Voltage Charger
Input Current Limiting; No External MOSFETs
LTC1694
SMBus Accelerator in SOT-23 Package
Improves SMBus Data Integrity
LT1769
Monolithic 2A Constant-Current/Constant-Voltage Charger
Similar to LT1511 but 2A Rating, 28-Pin SSOP Package
PowerPath is a trademark of Linear Technology Corporation.
UV
VDD
SYNC
SDB
CHGEN
VLIMIT
ILIMIT
DGND
ISET
PROG
VC
COMP1
AGND
RNR
THERM
SDA
SCL
INTB
22
21
8
32
9
10
2
33
34
1
3
35
30
29
31
23
26
36
RSET, 3.83k
R4, 1.5k
LTC1759
R7, 1k
RUR
1k
R3
499
Ω
RWEAK
475k
RNR
10k
C9, 0.1
µF
C13, 0.33
µF
VDD
VDD
C11, 1
µF
C12, 0.68
µF
RVLIMIT, 33k
RCL, 0.033Ω
RS1, 200Ω
R6
68
Ω
RS2, 200Ω
R1
15.8k
R2
1k
C2
0.47
µF
C5, 2.2
µF
C6
0.68
µF
C8
0.047
µF
C4, 0.1
µF
C1
1
µF
Q1
Q3
D1
Q2
L1
15
µH
C16
22
µF
SYSTEM
POWER
RSENSE
0.025
Ω
D2
D2
RILIMIT, 33k
7
16
4
5
12
25
24
18
17
28
27
11
6
20
19
14
15
13
DCIN
DCDIV
INFET
VCC
CLP
CLN
TGATE
BOOSTC
GBIAS
BOOST
SW
BGATE
SPIN
SENSE
BAT1
BAT2
VSET
PGND
C7
0.015
µF
C3
22
µF
C14
0.1
µF
C15
10
µF
35V
Al
AC
ADAPTER
INPUT
SMART
BATTERY
INTB
SMBus
TO
HOST
D1: MBRS130LT3
D2: FMMD7000
L1: SUMIDA CDRH127-150
Q1: Si3457DV
Q2, Q3: Si3456DV
SCL
SDA
1759 F10
+
+
4A SMBus Smart Battery Charger
Dimensions in inches (millimeters) unless otherwise noted.
PACKAGE DESCRIPTION
G Package
36-Lead Plastic SSOP (0.209)
(LTC DWG # 05-08-1640)
G36 SSOP 1098
0.13 – 0.22
(0.005 – 0.009)
0
° – 8°
0.55 – 0.95
(0.022 – 0.037)
5.20 – 5.38**
(0.205 – 0.212)
7.65 – 7.90
(0.301 – 0.311)
1234 5 6 7 8 9 10 11 12
14 15 16 17 18
13
12.67 – 12.93*
(0.499 – 0.509)
25
26
22 21 20 19
23
24
27
28
29
30
31
32
33
34
35
36
1.73 – 1.99
(0.068 – 0.078)
0.05 – 0.21
(0.002 – 0.008)
0.65
(0.0256)
BSC
0.25 – 0.38
(0.010 – 0.015)
NOTE: DIMENSIONS ARE IN MILLIMETERS
DIMENSIONS DO NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.152mm (0.006") PER SIDE
DIMENSIONS DO NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.254mm (0.010") PER SIDE
*
**



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com