| Electronic Components Datasheet Search |
|
LTC1759 Datasheet(PDF) 18 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1759 Datasheet(HTML) 18 Page - Linear Technology |
|
18 / 28 page ![]() 18 LTC1759 # CONDITION ACTION 12 CHARGING_CONTROLLED_STATE = 1 AND THERM_HOT CHARGING_NONE_STATE = 1 Changes from 0 to 1 AND THERM_UR = 0 The Charger_Controller Stops Charging the Battery. It Cannot “Wake Up” Charge Again Until Condition 15 Is Met. It Can Supply “Controlled Charge” to the Battery If Conditions 8 or 9 Are Met 13 CHARGING_CONTROLLED_STATE = 1 AND THERM_UR CHARGING_NONE_STATE = 1 Changes from 1 to 0 AND THERM_HOT = 1 The Charger_Controller Stops Charging the Battery. It Cannot “Wake Up” Charge Again Until Condition 15 Is Met. It Can Supply “Controlled Charge” to the Battery If Conditions 8 or 9 Are Met 14 CHARGING_CONTROLLED_STATE = 1 CHARGING_CONTROLLED_STATE = 1 AND INHIBIT_CHARGE Is Set to 1 INHIBIT_CHARGE Asynchronously Inhibits Charging Without Affecting the Charger_Controller State Machine. This Means the Charger Stops Charging the Battery but Continues to Accept New ChargingCurrent() and ChargingVoltage() Commands, Continues to Monitor the Battery Thermistor Input and Continues to Track the Communication Time-Out. It Will Resume Charging the Battery If INHIBIT_CHARGE Is Cleared to 0, Possibly at Different Current and Voltage If New Commands Have Been Sent in the Interim 15 ANY STATE CHARGING_RESET_STATE= 1 The Charger_Controller Is in Any State AND (the Battery Is Removed The Charger_Controller Is Set to Its Power-On Default State OR AC_PRESENT = 0 OR a 1 Is Written to POR_RESET) NOTE: Condition 15 Takes Precedence Over Any Other Condition. 16 (CHARGING_CONTROLLED_STATE = 1) OR CHARGING_NONE_STATE = 1 CHARGING_WAKE-UP_STATE = 1) AND The Charger_Controller Stops Charging the Battery. It Cannot A 1 Is Written to RESET_TO_ZERO “Wake Up” Charge Again Until Condition 15 Is Met. It Can Supply “Controlled Charge” to the Battery If Conditions 8 or 9 Are Met. The Valid Charge Command Timer Is Cleared When RESET_TO_ZERO = 1. This Prevents Charging from Continuing Until After a Valid ChargeCurrent() and ChargeVoltage() Pair Is Received 18 ANY STATE AND Alert SMHost of Change by Setting INTB = 0 AC_PRESENT Transitions 0 to 1 or 1 to 0 OR BATTERY_PRESENT Transitions 0 to 1 or 1 to 0 19 CHARGING_RESET_STATE = 1 CHGEN = 0 The Charger Is Not Charging 20 CHARGING _WAKE-UP_STATE = 1 CHGEN = ~INHIBIT_CHARGE The Charger Will Provide a Wake-Up Current When CHGEN = 1 21 CHARGING_CONTROLLED_STATE = 1 CHGEN = ~INHIBIT_CHARGE The Charger Will Provide Specified Charging Voltage and Current When CHGEN = 1 A Zero Value for ChargingVoltage() Is Handled by Forcing CHGEN = 0 22 CHARGING_NONE_STATE = 1 CHGEN = 0 The Charger Is Not Charging OPERATIO |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |