Electronic Components Datasheet Search
  English  ▼

X  

LTC1759 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1759
Description  Smart Battery Charger
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1759 Datasheet(HTML) 1 Page - Linear Technology

  LTC1759 Datasheet HTML 1Page - Linear Technology LTC1759 Datasheet HTML 2Page - Linear Technology LTC1759 Datasheet HTML 3Page - Linear Technology LTC1759 Datasheet HTML 4Page - Linear Technology LTC1759 Datasheet HTML 5Page - Linear Technology LTC1759 Datasheet HTML 6Page - Linear Technology LTC1759 Datasheet HTML 7Page - Linear Technology LTC1759 Datasheet HTML 8Page - Linear Technology LTC1759 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
LTC1759
Smart Battery Charger
The LTC
®1759 Smart Battery Charger is a single chip
charging solution that dramatically simplifies construc-
tion of an SBS compliant system. The LTC1759 imple-
ments a Level 2 charger function whereby the charger can
be programmed by the battery or by the host. A thermistor
on the battery being charged is monitored for tempera-
ture, connectivity and battery type information. The SMBus
interface remains alive when the AC power adapter is
removed and responds to all SMBus activity directed to it,
including thermistor status (via the ChargerStatus com-
mand). The charger also provides an interrupt to the host
whenever a status change is detected (e.g., battery
removal, AC adapter connection).
Charging current and voltage are restricted to chemistry
specific limits for improved system safety and reliability.
Limits are programmable by two external resistors. Addi-
tionally, the maximum average current from the AC adapter
is programmable to avoid overloading the adapter when
simultaneously supplying load current and charging cur-
rent. When supplying system load current, charging cur-
rent is automatically reduced to prevent adapter overload.
s
Single Chip Smart Battery Charger Controller
s
100% Compliant (Rev 1.0) SMBus Support
Allows for Operation with or without Host
s
SMBus Accelerator Improves SMBus Timing
s
Hardware Interrupt and SMBAlert Response
Eliminate Interrupt Polling
s
High Efficiency Synchronous Buck Charger
s
0.5V Dropout Voltage; Maximum Duty Cycle > 99.5%
s
AC Adapter Current Limit Maximizes Charge Rate*
s
1% Voltage Accuracy; 5% Current Accuracy
s
Up to 8A Charging Current Capability
s
Dual 10-Bit DACs for Charger Voltage and Current
Programming
s
User-Selectable Overvoltage and Overcurrent Limits
s
High Noise Immunity Thermistor Sensor
s
Small 36-Lead Narrow (0.209") SSOP Package
, LTC and LT are registered trademarks of Linear Technology Corporation.
Figure 1. 4A SMBus Smart Battery Charger
s
Portable Computers
s
Portable Instruments
s
Docking Stations
*US Patent Number 5,723,970
UV
VDD
SYNC
SDB
CHGEN
VLIMIT
ILIMIT
DGND
ISET
PROG
VC
COMP1
AGND
RNR
THERM
SDA
SCL
INTB
22
21
8
32
9
10
2
33
34
1
3
35
30
29
31
23
26
36
3.83k
1.5k
LTC1759
1k
1k
499
Ω
475k
10k
0.1
µF
0.33
µF
VDD
VDD
1
µF
0.68
µF
33k
0.033
Ω
200
Ω
68
Ω
200
Ω
15.8k
1k
0.47
µF
2.2
µF
0.68
µF
0.047
µF
0.1
µF
1
µF
15
µH
22
µF
SYSTEM
POWER
0.025
Ω
33k
7
16
4
5
12
25
24
18
17
28
27
11
6
20
19
14
15
13
DCIN
DCDIV
INFET
VCC
CLP
CLN
TGATE
BOOSTC
GBIAS
BOOST
SW
BGATE
SPIN
SENSE
BAT1
BAT2
VSET
PGND
0.015
µF
22
µF
0.1
µF
10
µF
35V
Al
AC
ADAPTER
INPUT
SMART
BATTERY
INTB
SMBus
TO
HOST
SCL
SDA
1759 F01
+
+
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO


Similar Part No. - LTC1759

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1759 LINER-LTC1759 Datasheet
315Kb / 28P
Dual Battery Charger/ Selector with SPI Interface
LTC1759 LINER-LTC1759_15 Datasheet
300Kb / 28P
Smart Battery Charger
More results

Similar Description - LTC1759

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4100 LINER-LTC4100 Datasheet
251Kb / 24P
Smart Battery Charger Controller
LTC4101 LINER-LTC4101 Datasheet
296Kb / 28P
Smart Battery Charger Controller
LTC4100 LINER-LTC4100_09 Datasheet
252Kb / 30P
Smart Battery Charger Controller
LTC1759 LINER-LTC1759_15 Datasheet
300Kb / 28P
Smart Battery Charger
LTC4101 LINER-LTC4101_15 Datasheet
260Kb / 30P
Smart Battery Charger Controller
LTC4100 LINER-LTC4100_15 Datasheet
325Kb / 30P
Smart Battery Charger Controller
logo
Volgen Kaga Electronics...
LABC7-6V VOLGEN-LABC7-6V Datasheet
86Kb / 2P
6V Lead-Acid Battery Smart Charger
LABC14-12V VOLGEN-LABC14-12V Datasheet
88Kb / 2P
12V Lead-Acid Battery Smart Charger
logo
RRC power solutions Ltd...
RRC-SMB-FPC RRC-RRC-SMB-FPC Datasheet
299Kb / 4P
Standard battery charger for smart batteries
RRC-SMB-UBC RRC-RRC-SMB-UBC Datasheet
322Kb / 4P
Standard battery charger for smart batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com