Electronic Components Datasheet Search
  English  ▼

X  

LTC1759 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC1759
Description  Smart Battery Charger
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1759 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC1759 Datasheet HTML 15Page - Linear Technology LTC1759 Datasheet HTML 16Page - Linear Technology LTC1759 Datasheet HTML 17Page - Linear Technology LTC1759 Datasheet HTML 18Page - Linear Technology LTC1759 Datasheet HTML 19Page - Linear Technology LTC1759 Datasheet HTML 20Page - Linear Technology LTC1759 Datasheet HTML 21Page - Linear Technology LTC1759 Datasheet HTML 22Page - Linear Technology LTC1759 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
19
LTC1759
OPERATIO
The Thermistor Decoder Block
This block measures the resistance of the battery’s ther-
mistor and features high noise immunity at critical trip
points. The low power standby mode supports all SMB
charger reporting requirements when AC is not present.
The thermistor decoder is shown in Figure 4.
Thermistor sensing is accomplished by a state machine
that reconfigures the switches of Figure 4 using RNR_SELB
and RUR_SELB. The three allowable modes are as follows:
1. Overrange Detection. The RUR_SELB and RNR_SELB
switches are off and the external RWEAK resistor forms
a voltage divider with RTHERM. The resulting voltage is
monitored at THERM, compared to an internal refer-
ence and sampled at the output of the OR comparator.
This detection mode is always active allowing low
power operation when AC power is not available.
2. Cold/Ideal/Hot Range Detection. The RNR_SELB
switch is on and the RUR_SELB switch is off. The
external RNR and RWEAK resistors form a voltage divider
with RTHERM. The resulting voltage is monitored at
THERM, compared to an internal reference and sampled
at the output of the cold and hot comparators. This
detection mode is only activated if OR tested low.
3. Underrange Detection. The RNR_SELB switch is off
and the RUR_SELB switch is on. The external RUR and
RWEAK resistors form a voltage divider with RTHERM.
The resulting voltage is monitored at RNR, compared to
an internal reference and sampled at the output of the
UR comparators. This detection mode is only activated
if HOT tested high.
NOTE: The underrange detection scheme is a very impor-
tant feature of the LTC1759. The RUR/RTHERM divider trip
point of 0.333 • VDD (1V) is well above the 0.047 • VDD
(140mV) threshold of a system using a 10k pull-up. A
system using a 10k pull-up would not be able to resolve the
important underrange to hot transition point with a mod-
est 100mV of ground offset between battery and ther-
mistor detection circuitry. Such offsets are anticipated
when charging at normal current levels.
Figure 4. Thermistor Decoder Block
VDD
VDD
RNR
THERM
HYSTERESIS
RWEAK
475k
1%
RTHERM
TOTAL
PARASITIC
CAPACITANCE
MUST BE LESS
THAN 75pF
RNR
10k
1%
RNR_SELB
RUR
1k
1%
VDD
VDD
THERM_COLD
THERM_UR
THERM_HOT
THERM_OR
1759 F04
RUR_SELB
THERM
LATCH
COLD
HOT
OR
UR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com