Electronic Components Datasheet Search
  English  ▼

X  

LTC1759 Datasheet(PDF) 27 Page - Linear Technology

Part # LTC1759
Description  Smart Battery Charger
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1759 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC1759 Datasheet HTML 20Page - Linear Technology LTC1759 Datasheet HTML 21Page - Linear Technology LTC1759 Datasheet HTML 22Page - Linear Technology LTC1759 Datasheet HTML 23Page - Linear Technology LTC1759 Datasheet HTML 24Page - Linear Technology LTC1759 Datasheet HTML 25Page - Linear Technology LTC1759 Datasheet HTML 26Page - Linear Technology LTC1759 Datasheet HTML 27Page - Linear Technology LTC1759 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
27
LTC1759
Figure 14. Kelvin Sensing of Charging Current
TO RS1 AND RS2
1759 F14
DIRECTION OF CHARGING CURRENT
RSENSE
APPLICATIONS INFORMATION
Charging Indication
When a CHARGECURRENT() command with a value of
zero is sent to the LTC1759, current stops flowing into the
battery. However, the command does not cause the CHGEN
pin to pull low. This prevents use of the CHGEN pin as a
charge termination indication. Figure 16 shows a circuit
that reliably indicates when the battery is receiving a
charge current.
The circuit shown, except for the optional 555 timer IC,
filters out the ISET DAC 80kHz output into a smooth signal.
Q1 and R5 partially isolate the capacitance of C1 from
effecting the ISET pin of the LTC1759. Q1 is configured as
1759 F15
VBAT
L1
VIN
HIGH
FREQUENCY
CIRCULATING
PATH
BAT
SWITCH NODE
CIN
COUT
D1
Figure 15. High Speed Switching Path
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
a crude voltage level detector looking for voltage going
below approximately one volt on the emitter. The RC
circuit consisting of R4 and C1 filters low pulses from the
ISET pin. Q2 buffers the RC filter circuit allowing a more
logic level type interface. The circuit is powered from the
logic output driver of the CHGEN pin of the LTC1759. The
circuit does not need any capacitive supply bypassing to
function and draws little current. When the CHGEN pin
goes low, the current consumption of the circuit is elimi-
nated. Note that some resistor values must change de-
pending on the supply voltage connected to the VDD pin of
the LTC1759. An optional low power 555 timer can be
added to to give a blinking LED charge indication.
UV
VDD
SYNC
SDB
CHGEN
VLIMIT
ILIMIT
DGND
ISET
PROG
VC
COMP1
AGND
RNR
THERM
SDA
SCL
INTB
22
21
8
32
33
9
10
2
3
35
1
34
30
29
31
23
26
36
U2
LTC1759
7
16
4
5
12
25
24
18
17
28
27
11
6
20
19
14
15
13
DCIN
DCDIV
INFET
VCC
BOOSTC
CLP
CLN
TGATE
SW
BGATE
BOOST
GBIAS
SPIN
SENSE
BAT1
BAT2
VSET
PGND
GROUND
TRIGGER
OUTPUT
RESET
8
7
6
5
LMC555
(OPTIONAL, SEE TEXT)
R1
R1
3.3V = 240
Ω
5V = 510
Ω
CHARGE
1
2
3
4
VCC
DISCHARGE
THRESHOLD
CONTROL
VOLTAGE
1759 F16
R2
4.7k
R3
2.7M
C3
0.1
µF
VDD
VDD
C1
0.1
µF
C2
0.1
µF
R4
4.7M
R5
10k
R6
R6
3.3V = 330k
5V = 680k
Q1
MMBT3904
D
Q2, 2N7002
G
S
R7
330k
Figure 16. Battery Charge Indicator Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com