Electronic Components Datasheet Search
  English  ▼

X  

LTC1759 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1759
Description  Smart Battery Charger
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1759 Datasheet(HTML) 4 Page - Linear Technology

  LTC1759 Datasheet HTML 1Page - Linear Technology LTC1759 Datasheet HTML 2Page - Linear Technology LTC1759 Datasheet HTML 3Page - Linear Technology LTC1759 Datasheet HTML 4Page - Linear Technology LTC1759 Datasheet HTML 5Page - Linear Technology LTC1759 Datasheet HTML 6Page - Linear Technology LTC1759 Datasheet HTML 7Page - Linear Technology LTC1759 Datasheet HTML 8Page - Linear Technology LTC1759 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
LTC1759
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Thermistor Decoder (Note 11)
Combined Input Leakage on RNR and THERM
200
nA
Thermistor Trip (COLD/OR)
RWEAK = 475k ±1%
q
80
100
120
k
Ω
Thermistor Trip (IDEAL/COLD)
RNR = 10k ±1%
q
26.4
30
33.6
k
Ω
Thermistor Trip (HOT/IDEAL)
RNR = 10k ±1%
q
2.64
3
3.36
k
Ω
Thermistor Trip (UR/HOT)
RUR = 1k ±1%
q
440
500
560
Ω
DACs
Charging Current Resolution
Guaranteed Monotonic Above IMAX/16
10
bits
Charging Current Granularity
RILIMIT = 0
1
mA
RILIMIT = 10k ±1%
2
mA
RILIMIT = 33k ±1%
4
mA
RILIMIT = Open (or Short to VDD)8
mA
Wake-Up Charging Current (IWAKE-UP) (Note 8)
80
mA
Charging Current Limit (IMAX)RILIMIT = 0
1023
mA
RILIMIT = 10k ±1 %
2046
mA
RILIMIT = 33k ±1 %
4092
mA
RILIMIT = Open (or Short to VDD)
8184
mA
ISET RDS(ON)
25
Ω
ISET IOFF
VISET = 2.7V
q
1
µA
Charging Voltage Resolution
Guaranteed Monotonic (2.5V
≤ VBAT ≤ 21V)
10
bits
Charging Voltage Granularity
RVLIMIT = 0
16
mV
RVLIMIT = 10k ±1%
16
mV
RVLIMIT = 33k ±1%
32
mV
RVLIMIT = 100k ±1%
32
mV
RVLIMIT = Open (or Short to VDD)32
mV
Charging Voltage Limit
RVLIMIT = 0
q
8.33
8.432
8.485
V
RVLIMIT = 10k ±1%
q
12.50
12.64
12.72
V
RVLIMIT = 33k ±1%
q
16.67
16.864
16.97
V
RVLIMIT = 100k ±1%
q
20.82
21.056
21.18
V
RVLIMIT = Open (or Short to VDD) (Note 2)
32.736
V
Logic Levels (Note 12)
SCL/SDA Input Low Voltage (VIL)
q
0.6
V
SCL/SDA Input High Voltage (VIH)
q
1.4
V
SDA Output Low Voltage (VOL)IPULLUP = 350µA
q
0.4
V
SCL/SDA Input Current (IIL)VSDA, VSCL = VIL
q
1
µA
SCL/SDA Input Current (IIH)VSDA, VSCL = VIH
q
1
µA
INTB Output Low Voltage (VOL)IPULLUP = 500µA
q
0.4
V
INTB Output Pull-Up Current
VINTB = VOL
q
3.5
10
17.5
µA
CHGEN Output Low Voltage (VOL)IOL = 200µA
q
0.4
V
CHGEN Output High Voltage (VOH)IOH = – 200µA
q
VDD – 0.4
V
SDB Shutdown Threshold
q
12
V
SDB Pin Current
0V
≤ VSDB ≤ 3V
8
µA
Power-On Reset Duration
VDD Ramp from 0V to > 3V in < 5µs
100
µs
The q denotes specifications which apply over the full operating temperature range (TJ = 0°C to 100°C), otherwise specifications are
TA = 25°C. VCC = DCIN = 18V, VBAT1, 2 = 12.6V, VDD = 3.3V unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com