Electronic Components Datasheet Search
  English  ▼

X  

LTC1759 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1759
Description  Smart Battery Charger
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1759 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1759 Datasheet HTML 12Page - Linear Technology LTC1759 Datasheet HTML 13Page - Linear Technology LTC1759 Datasheet HTML 14Page - Linear Technology LTC1759 Datasheet HTML 15Page - Linear Technology LTC1759 Datasheet HTML 16Page - Linear Technology LTC1759 Datasheet HTML 17Page - Linear Technology LTC1759 Datasheet HTML 18Page - Linear Technology LTC1759 Datasheet HTML 19Page - Linear Technology LTC1759 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
16
LTC1759
The Charger Controller Block
The LTC1759 charger operations are handled by the
charger controller block. This block is capable of charging
the selected battery autonomously or under host control.
The charger controller can request communications with
the system management host (SMHost) by asserting
INTB = 0; this will cause the SMHost, if present, to poll the
LTC1759.
The charger controller receives SMBus slave commands
from the SMBus controller block.
The charge controller allows the LTC1759 to meet the
following Smart Battery-controlled (Level 2) charger
requirements:
1. Implements the Smart Battery’s critical warning mes-
sages over the SMBus.
2. Operates as an SMBus slave device that responds to
ChargingVoltage() and ChargingCurrent() commands
and adjusts the charger output characteristics
accordingly.
OPERATIO
The charger controller allows the LTC1759 to meet the
following host-controlled (Level 3) Smart Battery charger
requirements.
1. In a host-controlled system the host is able to operate
as an SMBus master device.
2. The host may determine the appropriate charging algo-
rithm by querying the battery or providing an alternative
special charging algorithm.
3. The host may control charging by disabling the Smart
Battery’s ability to transmit ChargingCurrent() and
ChargingVoltage() request functions and broadcasting
the charging commands to the LTC1759 over the SMBus.
4. The LTC1759 will still respond to Smart Battery critical
warning messages without host intervention.
The charger controller block uses the state machine of
Figure 3. The functional features for state transitions and
general control are detailed in Table 3.
0
8 OR 9
8 OR 9
NOTE: NUMBERS REFER TO CONDITIONS AND STATE DESCRIPTION IN TABLE 3
3 OR 4 OR 5
OR 6 OR 16
15
7
15
1 OR 2
15
1759 F03
14
10 OR 11 OR 12
OR 13 OR 16
15
CHARGING_CONTROLLED_STATE
21
CHARGING_RESET_STATE
19
CHARGING_NONE_STATE
22
CHARGING_WAKE-UP_STATE
20
Figure 3. Charger Controller State Machine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com