Electronic Components Datasheet Search
  English  ▼

X  

LTC1759 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1759
Description  Smart Battery Charger
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1759 Datasheet(HTML) 2 Page - Linear Technology

  LTC1759 Datasheet HTML 1Page - Linear Technology LTC1759 Datasheet HTML 2Page - Linear Technology LTC1759 Datasheet HTML 3Page - Linear Technology LTC1759 Datasheet HTML 4Page - Linear Technology LTC1759 Datasheet HTML 5Page - Linear Technology LTC1759 Datasheet HTML 6Page - Linear Technology LTC1759 Datasheet HTML 7Page - Linear Technology LTC1759 Datasheet HTML 8Page - Linear Technology LTC1759 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
LTC1759
ABSOLUTE MAXIMUM RATINGS
(Note 1)
Voltage at VCC, UV, BAT1, CLP,CLN, SPIN,
SENSE with respect to AGND ....................– 0.3V to 27V
Voltage at DCIN, BAT2 with Respect
to DGND ....................................................– 0.3V to 27V
Voltage at INTB, SDA, SCL, DCDIV with Respect
to DGND ..................................................... – 0.3V to 7V
BOOST, BOOSTC Voltage with Respect to VCC ........ 10V
Voltage at VDD with Respect to DGND ........ – 0.3V to 7V
SW Voltage with Respect to AGND .............. – 2V to VCC
GBIAS, SYNC ............................................ – 0.3V to 10V
VC, PROG, VSET Voltage with Respect
to AGND ...................................................... – 0.3V to 7V
TGATE, BGATE Current Continuous ..................
±200mA
TGATE, BGATE Output Energy (per Cycle) ................ 2
µJ
PGND, DGND with Respect to AGND ....................
±0.3V
Current into Any Pin .........................................
±100mA
Operating Ambient Temperature Range ...... 0
°C to 70°C
Operating Junction
Temperature Range .............................. – 40
°C to 125°C
Storage Temperature ........................... – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ORDER PART
NUMBER
Consult factory for Industrial and Military grade parts.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
TOP VIEW
G PACKAGE
36-LEAD PLASTIC SSOP
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
PGND
BGATE
GBIAS
BOOSTC
VCC
BAT1
SPIN
SENSE
PROG
VC
VSET
VLIMIT
ILIMIT
BAT2
DCIN
DCDIV
RNR
THERM
BOOST
TGATE
SW
SYNC
SDB
AGND
UV
INFET
CLP
CLN
COMP1
CHGEN
INTB
SDA
SCL
VDD
ISET
DGND
TJMAX = 125°C, θJA = 85°C/ W
ELECTRICAL CHARACTERISTICS
The q denotes specifications which apply over the full operating temperature range (TJ = 0°C to 100°C), otherwise specifications are
TA = 25°C. VCC = DCIN = 18V, VBAT1, 2 = 12.6V, VDD = 3.3V unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply and Reference
DCIN, VCC Operating Voltage
q
11
24
V
VCC Operating Current
VCC ≤ 24V
q
12
20
mA
DCIN Operating Current
VDCIN = 24V
q
85
150
µA
UV Lockout Threshold
Voltage on UV Pin Rising
q
6.3
6.7
7.15
V
UV Pin Input Current
0V
≤ VUV ≤ 8V
q
–1
5
µA
Battery Discharge Current
VUV ≤ 0.4V, All Connected Pins
40
80
µA
VDD Operating Voltage
q
3.0
5.5
V
VDD Operating Current
Charging, VDD = 5.5V, Shorted Thermistor
1.35
2
mA
Not Charging, VDD = 5.5V
80
150
µA
VDD Undervoltage Lockout
q
1.6
2.2
2.9
V
Switching Regulator
Charging Voltage Accuracy (Notes 3, 5)
2.465V
≤ VBAT2 ≤ VMAX
q
–1
1
%
Charging Current Accuracy (Note 3)
RSET Tolerance = 1%
– 5
5
%
PACKAGE/ORDER INFORMATION
LTC1759CG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com