Electronic Components Datasheet Search
  English  ▼

X  

LTC1759 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1759
Description  Smart Battery Charger
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1759 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1759 Datasheet HTML 13Page - Linear Technology LTC1759 Datasheet HTML 14Page - Linear Technology LTC1759 Datasheet HTML 15Page - Linear Technology LTC1759 Datasheet HTML 16Page - Linear Technology LTC1759 Datasheet HTML 17Page - Linear Technology LTC1759 Datasheet HTML 18Page - Linear Technology LTC1759 Datasheet HTML 19Page - Linear Technology LTC1759 Datasheet HTML 20Page - Linear Technology LTC1759 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
17
LTC1759
OPERATIO
Table 3. Charger_Controller Functional Features
#
CONDITION
ACTION
0
POWER_ON_RESET = 1
CHARGING_RESET_STATE =1
(Asynchronously Reset the Charger_Controller State Machine During
Power-On Reset)
1
CHARGING_RESET_STATE = 1 AND the Battery Is Present
CHARGING _WAKE-UP_STATE = 1
AND AC_PRESENT = 1 AND INHIBIT_CHARGE = 0 AND Thermistor Is
The Charger_Controller Will “Wake Up” Charge the Battery
Ideal
at IWAKE-UP Indefinitely
2
CHARGING_RESET_STATE = 1 AND the Battery Is Present
CHARGING_WAKE-UP_STATE = 1
AND AC_PRESENT =1 AND INHIBIT_CHARGE = 0 AND THERM_
The Charger_Controller Will “Wake Up” Charge the Battery
UR = 1 OR THERM_COLD = 1
at IWAKE-UP Until Condition 3 Is Met
3
CHARGING_WAKE-UP_STATE = 1 AND the Time-Out Period
CHARGING_NONE_STATE = 1
Exceeds tTIMEOUT AND THERM_UR = 1 OR THERM_COLD = 1
The Charger_Controller Stops Charging the Battery. It Cannot
“Wake Up” Charge Again Until Condition 15 Is Met. It Can Supply
“Controlled Charge” to the Battery If Conditions 8 or 9 Are Met
4
CHARGING_WAKE-UP_STATE = 1 AND an AlarmWarning() Message
CHARGING_NONE_STATE =1
Is Received with Any Bit in the Upper Nibble Set
The Charger_Controller Stops Charging the Battery. It Cannot
“Wake Up” Charge Again Until Condition 15 Is Met. It Can Supply
“Controlled Charge” to the Battery If Conditions 8 or 9 Are Met
5
CHARGING_WAKE-UP_STATE = 1 (from Condition 1 above) AND
CHARGING_NONE_STATE = 1
THERM_HOT Changes from 0 to 1 AND THERM_UR = 0
The Charger_Controller Stops Charging the Battery. It Cannot
“Wake Up” Charge Again Until Condition 15 Is Met. It Can Supply
“Controlled Charge” to the Battery If Conditions 8 or 9 Are Met
6
CHARGING_WAKE-UP_STATE = 1 (from Condition 2 above) AND
CHARGING_NONE_STATE = 1
THERM_UR Changes from 1 to 0 AND THERM_HOT = 1
The Charger_Controller Stops Charging the Battery. It Cannot
“Wake Up” Charge Again Until Condition 15 Is Met. It Can Supply
“Controlled Charge” to the Battery If Conditions 8 or 9 Are Met
7
CHARGING_WAKE-UP-STATE = 1 AND INHIBIT_CHARGE Is
CHARGING_WAKE-UP_STATE =1
Set to 1
The Charger_Controller Stops Charging the Selected Battery. The Timer
Continues to Run. The Charger Can Resume “Wake-Up” Charging If
INHIBIT_CHARGE = 0
8
(CHARGING_WAKE-UP_STATE = 1 OR CHARGING_NONE_STATE = 1)
CHARGING_CONTROLLED_STATE = 1
AND (Both ChargingCurrent() AND ChargingVoltage() Commands
The Charger_Controller Will Supply “Controlled Charge” to the
Are Received within tTIMEOUT) AND INHIBIT_CHARGE = 0
Battery as Specified in the Current and Voltage Commands
AND THERM_HOT = 0
9
(CHARGING_WAKE-UP_STATE = 1 OR CHARGING_NONE_STATE = 1)
CHARGING_CONTROLLED_STATE = 1
AND (Both ChargingCurrent() AND ChargingVoltage() Commands
The Charger_Controller Will Supply “Controlled Charge” to the
Are Received within tTIMEOUT) AND INHIBIT_CHARGE = 0
Battery as Specified in the Current and Voltage Commands
AND THERM_UR = 1
10
CHARGING_CONTROLLED_STATE = 1
CHARGING_NONE_STATE = 1
AND No New ChargingCurrent() and ChargingVoltage() Commands Are
The Charger_Controller Stops Charging the Battery. It Cannot
Received for a Time-Out Period of tTIMEOUT
“Wake Up” Charge Again Until Condition 15 Is Met. It Can Supply
“Controlled Charge” to the Battery If Conditions 8 or 9 Are Met
11
CHARGING_CONTROLLED_STATE = 1
CHARGING_NONE_STATE = 1
The Charger_Controller Is Supplying “Controlled Charge” to the
The Charger_Controller Stops Charging the Battery. It Cannot
Battery AND (an AlarmWarning() Message Is Received
“Wake Up” Charge Again Until Condition 15 Is Met. It Can Supply
with Any Bit in the Upper Nibble Set)
“Controlled Charge” to the Battery If Conditions 8 or 9 Are Met



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com