Electronic Components Datasheet Search
  English  ▼

X  

UPD78014 Datasheet(PDF) 32 Page - NEC

Part # UPD78014
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78014 Datasheet(HTML) 32 Page - NEC

Back Button UPD78014 Datasheet HTML 28Page - NEC UPD78014 Datasheet HTML 29Page - NEC UPD78014 Datasheet HTML 30Page - NEC UPD78014 Datasheet HTML 31Page - NEC UPD78014 Datasheet HTML 32Page - NEC UPD78014 Datasheet HTML 33Page - NEC UPD78014 Datasheet HTML 34Page - NEC UPD78014 Datasheet HTML 35Page - NEC UPD78014 Datasheet HTML 36Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 62 page
background image
32
µPD78001B(A), 78002B(A)
Subsystem Clock Oscillation Circuit Characteristics (TA = –40 to +85
°C, VDD = 2.7 to 6.0 V)
Unit
kHz
s
kHz
µs
MAX.
35
2
10
100
15
Test Conditions
VDD = 4.5 to 6.0 V
Parameter
Oscillator
frequency (fXT)
*1
Oscillation
stabilization time *2
XT1 input
frequency (fXT)
*1
XT1 input
high/low level width
(tXTH , tXTL)
Resonator
Crystal
resonator
External
clock
Recommended
Circuit
XT1
XT2
XT1
XT2
C4
C3
R2
VSS
MIN.
32
32
5
TYP.
32.768
1.2
*1. Indicates only oscillation circuit characteristics. Refer to “AC Characteristics” for instruction execution time.
2. Time required to stabilize oscillation after VDD reaches oscillator voltage MIN.
Cautions
1.
When using the subsystem clock oscillator, wiring in the area enclosed with the broken line should be carried
out as follows to avoid an adverse effect from wiring capacitance.
•
Wiring should be as short as possible.
•
Wiring should not cross other signal lines.
•
Wiring should not be placed close to a varying high current.
•
The potential of the oscillator capacitor ground should be the same as VSS.
•
Do not ground wiring to a ground pattern in which a high current flows.
•
Do not fetch a signal from the oscillator.
2.
The subsystem clock oscillation circuit is a circuit with a low amplification level, more prone to misoperation
due to noise than the main system clock. When using the subsystem clock, special care is needed regarding
the wiring method.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com