Electronic Components Datasheet Search
  English  ▼

X  

UPD78014 Datasheet(PDF) 17 Page - NEC

Part # UPD78014
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78014 Datasheet(HTML) 17 Page - NEC

Back Button UPD78014 Datasheet HTML 13Page - NEC UPD78014 Datasheet HTML 14Page - NEC UPD78014 Datasheet HTML 15Page - NEC UPD78014 Datasheet HTML 16Page - NEC UPD78014 Datasheet HTML 17Page - NEC UPD78014 Datasheet HTML 18Page - NEC UPD78014 Datasheet HTML 19Page - NEC UPD78014 Datasheet HTML 20Page - NEC UPD78014 Datasheet HTML 21Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 62 page
background image
µPD78001B(A), 78002B(A)
17
5.2
CLOCK GENERATOR
There are two types of clock generator: main system clock and subsystem clock.
The instruction exection time can be changed.
• 0.4
µs/0.8 µs/1.6 µs/3.2 µs/6.4 µs (mainsystem clock: at 10.0 MHz operation)
• 122
µs (subsystem clock: at 32.768 KHz operation)
Fig. 5-1 Clock Generator Block Diagram
XT1/P04
XT2
X1
X2
fX
fXT
STOP
fX
2
fX
2 2
fX
2 3
fX
2 4
Subsystem
Clock
Osicillator
Main
System
Clock
Osicillator
Prescaler
Prescaler
Selector
Standby
Control
Circuit
Wait
Control
Circuit
INTP0
Sampling Clock
CPU Clock
(fCPU)
Clock to
Peripheral
Hardware
Watch Timer
Clock Output
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com