Electronic Components Datasheet Search
  English  ▼

X  

UPD78014 Datasheet(PDF) 13 Page - NEC

Part # UPD78014
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78014 Datasheet(HTML) 13 Page - NEC

Back Button UPD78014 Datasheet HTML 9Page - NEC UPD78014 Datasheet HTML 10Page - NEC UPD78014 Datasheet HTML 11Page - NEC UPD78014 Datasheet HTML 12Page - NEC UPD78014 Datasheet HTML 13Page - NEC UPD78014 Datasheet HTML 14Page - NEC UPD78014 Datasheet HTML 15Page - NEC UPD78014 Datasheet HTML 16Page - NEC UPD78014 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
13
µPD78001B(A), 78002B(A)
2
8-A
16
5-A
10-A
5-A
8-A
5-A
5-E
5-A
13-B
5-A
2
16
—
P00/INTP0
P01/INTP1
P02/INTP2
P03/INTP3
P04/XT1
P10 to P17
P20 to P24
P25/SI0/SB0
P26/SO0/SB1
P27/SCK0
P30
P31/TO1
P32/TO2
P33/TI1
P34/TI2
P35/PCL
P36/BUZ
P37
P40/AD0 to P47/AD7
P50/A8 to P57/A15
P60 to P63
P64/RD
P65/WR
P66/WAIT
P67/ASTB
RESET
XT2
IC0, IC1, IC3
IC2
Input/Output
Circuit Type
3.3
PIN I/O CIRCUIT AND RECOMMENDED CONNECTION OF UNUSED PINS
The input/output circuit type of each pin and recommended connection of unused pins are shown in Table 3-1.
For the input/output circuit configuration of each type, see Fig. 3-1.
Table 3-1 Input/Output Circuit Type of Each Pin
Recommended Connection when Not Used
I/O
Pin Name
Input
Input/output
Input
Input/output
Input
—
—
Leave open.
Connected to VSS directly.
Connected to VDD directly.
Connected to VSS .
Connected to VSS through resistor independently.
Connected to VDD or VSS .
Connected to VDD or VSS through resistor independently.
Connected to VDD through resistor independently.
Connected to VDD or VSS through resistor independently.
Connected to VDD through resistor independently.
Connected to VDD or VSS through resistor independently.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com