Electronic Components Datasheet Search
  English  ▼

X  

UPD78014 Datasheet(PDF) 20 Page - NEC

Part # UPD78014
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78014 Datasheet(HTML) 20 Page - NEC

Back Button UPD78014 Datasheet HTML 16Page - NEC UPD78014 Datasheet HTML 17Page - NEC UPD78014 Datasheet HTML 18Page - NEC UPD78014 Datasheet HTML 19Page - NEC UPD78014 Datasheet HTML 20Page - NEC UPD78014 Datasheet HTML 21Page - NEC UPD78014 Datasheet HTML 22Page - NEC UPD78014 Datasheet HTML 23Page - NEC UPD78014 Datasheet HTML 24Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 62 page
background image
20
µPD78001B(A), 78002B(A)
5.4
CLOCK OUTPUT CONTROL CIRCUIT
The clock with the following frequencies can be output for clock output.
• 39.1 kHz/78.1 kHz/156 kHz/313 kHz/625 kHz/1.25 MHz (Main system clock: at 10.0 MHz operation)
• 32.768 kHz (Subsystem clock: at 32.768 kHz operation)
Fig. 5-5 Clock Output Control Block Diagram
5.5 BUZZER OUTPUT CONTROL CIRCUIT
The clock with the following frequencies can be output for buzzer output.
• 2.4 kHz/4.9 kHz/9.8 kHz (Main system clock: at 10.0 MHz operation)
Fig. 5-6 Buzzer Output Control Block Diagram
Selector
Synchronization
Circuit
Output Control
Circuit
PCL/P35
fX/23
fX/24
fX/25
fX/26
fX/27
fX/28
fXT
Selector
Output Control
Circuit
BUZ/P36
fX/210
fX/211
fX/212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com