Electronic Components Datasheet Search
  English  ▼

X  

UPD78014 Datasheet(PDF) 1 Page - NEC

Part # UPD78014
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78014 Datasheet(HTML) 1 Page - NEC

  UPD78014 Datasheet HTML 1Page - NEC UPD78014 Datasheet HTML 2Page - NEC UPD78014 Datasheet HTML 3Page - NEC UPD78014 Datasheet HTML 4Page - NEC UPD78014 Datasheet HTML 5Page - NEC UPD78014 Datasheet HTML 6Page - NEC UPD78014 Datasheet HTML 7Page - NEC UPD78014 Datasheet HTML 8Page - NEC UPD78014 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
DESCRIPTION
The
µPD78001B(A)/78002B(A) are products in the µPD78002 subseries within the 78K/0 series.
The
µPD78001B(A)/78002B(A) have various peripheral hardware such as timer, serial interface and interrupt
function.
A one-time PROM or EPROM product, the
µPD78P014, capable of operating in the same power supply voltage
range as that of the mask ROM product and other development tools is provided.
Functions are described in detail in the following User's Manual, which should be read when carrying out design
work.
µPD78002, 78002Y Series User's Manual: IEU-1334
FEATURES
• The
µPD78001B, in comparison with the 78002B, is a higher reliability device, as a result of a more comprehensive
quality assurance program (Refer to Quality Grade on NEC Semiconductor Devices (IEI-1209))
• Large on-chip ROM & RAM
MOS INTEGRATED CIRCUIT
µPD78001B(A), 78002B(A)
8-BIT SINGLE-CHIP MICROCOMPUTER
The information in this document is subject to change without notice.
©
1995
DATA SHEET
Item
Program Memory
Data Memory
Product Name
(ROM)
(Internal High-Speed RAM)
µPD78001B(A)
8K bytes
256 bytes
• 64-pin plastic shrink DIP (750 mil)
µPD78002B(A)
16K byte
384 bytes
• 64-pin plastic QFP ( 14 mm)
Package
• External memory expansion space: 64K bytes
• Instruction execution time can be varied from high-speed (0.4
µs) to ultra-low-speed (122 µs)
• I/O ports: 53 (N-ch open-drain : 4)
• Serial interface : 1 channel
• Timer: 4 channels
• Operating voltage range : 2.7 to 6.0 V
APPLICATION
Transmission equipment control device, gas detector circuit breaker, safety devices, etc.
Document No. IC-3599
(O.D. No. IC-9078)
Date Published February 1995 P
Printed in Japan


Similar Part No. - UPD78014

ManufacturerPart #DatasheetDescription
logo
NEC
UPD78014 NEC-UPD78014 Datasheet
552Kb / 58P
8-BIT SINGLE-CHIP MICROCOMPUTER
UPD78014 NEC-UPD78014 Datasheet
1Mb / 26P
8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78014 NEC-UPD78014 Datasheet
214Kb / 42P
8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Renesas Technology Corp
UPD78014 RENESAS-UPD78014 Datasheet
410Kb / 58P
8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78014F RENESAS-UPD78014F Datasheet
680Kb / 92P
MOS INTEGRATED CIRCUIT
1997
More results

Similar Description - UPD78014

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M38203M4 MITSUBISHI-M38203M4 Datasheet
4Mb / 344P
8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Sanyo Semicon Device
LC866032B SANYO-LC866032B Datasheet
390Kb / 20P
8-bit single chip microcomputer???
logo
Mitsubishi Electric Sem...
M37409M2 MITSUBISHI-M37409M2 Datasheet
963Kb / 29P
SINGLE CHIP 8 BIT MICROCOMPUTER
logo
Toshiba Semiconductor
TMP88CS38 TOSHIBA-TMP88CS38 Datasheet
1Mb / 226P
8-bit single chip microcomputer
logo
Renesas Technology Corp
7534 RENESAS-7534_06 Datasheet
1Mb / 221P
8-BIT SINGLE-CHIP MICROCOMPUTER
3886 RENESAS-3886_03 Datasheet
4Mb / 380P
8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Epson Company
S1C88649 EPSON-S1C88649 Datasheet
227Kb / 20P
8-bit Single Chip Microcomputer
S1C88650 EPSON-S1C88650 Datasheet
64Kb / 4P
8-bit Single Chip Microcomputer
S1C88655 EPSON-S1C88655 Datasheet
88Kb / 4P
8-bit Single Chip Microcomputer
S1C88816 EPSON-S1C88816 Datasheet
304Kb / 20P
8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com