Electronic Components Datasheet Search
  English  ▼

X  

UPD78014 Datasheet(PDF) 9 Page - NEC

Part # UPD78014
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78014 Datasheet(HTML) 9 Page - NEC

Back Button UPD78014 Datasheet HTML 5Page - NEC UPD78014 Datasheet HTML 6Page - NEC UPD78014 Datasheet HTML 7Page - NEC UPD78014 Datasheet HTML 8Page - NEC UPD78014 Datasheet HTML 9Page - NEC UPD78014 Datasheet HTML 10Page - NEC UPD78014 Datasheet HTML 11Page - NEC UPD78014 Datasheet HTML 12Page - NEC UPD78014 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
9
µPD78001B(A), 78002B(A)
2.
BLOCK DIAGRAM
P01-P03
P10-P17
P20-P27
P30-P37
P40-P47
P50-P57
P60-P67
AD0/P40-
AD7/P47
A8/P50-
A15/P57
RD/P64
WR/P65
WAIT/P66
ASTB/P67
PORT0
PORT1
PORT2
PORT3
PORT4
PORT5
PORT6
EXTERNAL
ACCESS
78K/0
CPU CORE
8-bit TIMER/
EVENT COUNTER 1
8-bit TIMER/
EVENT COUNTER 2
WATCHDOG TIMER
WATCH TIMER
SERIAL
INTERFACE 0
INTERRUPT
CONTROL
TO1/P31
TI1/P33
TO2/P32
TI2/P34
SI0/SB0/P25
SO0/SB1/P26
SCK0/P27
INTP0/P00 –
INTP3/P03
P00
P04
ROM
RAM
BUZZER OUTPUT
BUZ/P36
CLOCK OUTPUT
CONTROL
PCL/P35
RESET
X1
X2
XT1/P04
XT2
SYSTEM
CONTROL
VDD
VSS
IC0-
IC3
Remark
Internal ROM & RAM capacity varies depending on the product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com