Electronic Components Datasheet Search
  English  ▼

X  

UPD78014 Datasheet(PDF) 16 Page - NEC

Part # UPD78014
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78014 Datasheet(HTML) 16 Page - NEC

Back Button UPD78014 Datasheet HTML 12Page - NEC UPD78014 Datasheet HTML 13Page - NEC UPD78014 Datasheet HTML 14Page - NEC UPD78014 Datasheet HTML 15Page - NEC UPD78014 Datasheet HTML 16Page - NEC UPD78014 Datasheet HTML 17Page - NEC UPD78014 Datasheet HTML 18Page - NEC UPD78014 Datasheet HTML 19Page - NEC UPD78014 Datasheet HTML 20Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 62 page
background image
16
µPD78001B(A), 78002B(A)
Caution
When pull-up resistors are not used (specified by mask option), low-level input leak current increases
with –200
µA (MAX.) under either of the following conditions.
1 When the external device expansion function is used and a low-level is input to the pin.
2 During the 3-clock period when a read instruction is executed on port 6 (P6) and the port mode
register (PM6).
Port 0
Port 1
Port 2
Port 3
Port 4
Port 5
Port 6
P00, P04
P01 to P03
P10 to P17
P20 to P27
P30 to P37
P40 to P47
P50 to P57
P60 to P63
P64 to P67
5
PERIPHERAL HARDWARE FUNCTION FEATURES
5.1
PORTS
The I/O port has the following three types.
• CMOS input (P00, P04)
:
2
• CMOS input/output (P01 to P03,
port 1 to port 5, P64 to P67)
: 47
• N-ch open-drain input/output
(15V withstand voltage) (P60 to P63)
:
4
Total
: 53
Table 5-1 Functions of Ports
Port Name
Dedicated Input port
Input/output ports. Input/output can be specified bit-wise.
When used as an input port, pull-up resistor can be used by software.
Input/output ports. Input/output can be specified bit-wise.
When used as an input port, pull-up resistor can be used by software.
Input/output ports. Input/output can be specified bit-wise.
When used as an input port, pull-up resistor can be used by software.
Input/output ports. Input/output can be specified bit-wise.
When used as an input port, pull-up resistor can be used by software.
Input/output ports. Input/output can be specified in 8-bit units.
When used as an input port, pull-up resistor can be used by software.
Test input flag (KRIF) is set to 1 by falling edge detection.
Input/output ports. Input/output can be specified bit-wise.
When used as an input port, pull-up resistor can be used by software.
LED can be driven directly.
N-ch open-drain input/output port. Input/output can be specified bit-wise.
On-chip pull-up resistor can be specified by mask option.
LED can be driven directly.
Input/output ports. Input/output can be specified bit-wise.
When used as an input port, pull-up resistor can be used by software.
Pin Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com