Electronic Components Datasheet Search
  English  ▼

X  

LTM4627 Datasheet(PDF) 7 Page - Linear Technology

Part # LTM4627
Description  15A DC/DC Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4627 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM4627_15 Datasheet HTML 3Page - Linear Technology LTM4627_15 Datasheet HTML 4Page - Linear Technology LTM4627_15 Datasheet HTML 5Page - Linear Technology LTM4627_15 Datasheet HTML 6Page - Linear Technology LTM4627_15 Datasheet HTML 7Page - Linear Technology LTM4627_15 Datasheet HTML 8Page - Linear Technology LTM4627_15 Datasheet HTML 9Page - Linear Technology LTM4627_15 Datasheet HTML 10Page - Linear Technology LTM4627_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LTM4627
7
4627fc
For more information www.linear.com/LTM4627
VIN(A1-A6,B1-B6,C1-C6):PowerInputPins.Applyinput
voltage between these pins and GND pins. Recommend
placing input decoupling capacitance directly between VIN
pins and GND pins.
VOUT (J1-J10, K1-K11, L1-L11, M1-M11): Power Output
Pins. Apply output load between these pins and GND
pins. Recommend placing output decoupling capacitance
directly between these pins and GND pins. Review Table 4.
GND (B7, B9, C7, C9, D1-D6, D8, E1-E7, E9, F1-F9, G1-G9,
H1-H9): Power Ground Pins for Both Input and Output
Returns.
PGOOD(F11,G12):OutputVoltagePowerGoodIndicator.
Open-drain logic output that is pulled to ground when the
output voltage exceeds a ±10% regulation window. Both
pins are tied together internally.
SGND(G11,H11,H12):SignalGroundPin.Returnground
path for all analog and low power circuitry. Tie a single
connection to the output capacitor GND in the application.
See layout guidelines in Figure 17.
MODE_PLLIN(A8):ForcedContinuousMode,BurstMode
Operation, or Pulse-Skipping Mode Selection Pin and
External Synchronization Input to Phase Detector Pin.
Connect this pin to INTVCC to enable pulse-skipping mode
ofoperation.Connecttogroundtoenableforcedcontinuous
modeofoperation.FloatingthispinwillenableBurstMode
operation. A clock on this pin will enable synchronization
with forced continuous operation. See the Applications
Information section.
fSET (B12): A resistor can be applied from this pin to
ground to set the operating frequency, or a DC voltage
can be applied to set the frequency. See the Applications
Information section.
PIN FUNCTIONS
TRACK/SS (A9): Output Voltage Tracking Pin and Soft-
Start Inputs. The pin has a 1.2µA pull-up current source.
A capacitor from this pin to ground will set a soft-start
ramp rate. In tracking, the regulator output can be tracked
to a different voltage. The different voltage is applied to
a voltage divider then the slave output’s track pin. This
voltage divider is equal to the slave output’s feedback
divider for coincidental tracking. See the Applications
Information section.
VFB (F12): The Negative Input of the Error Amplifier.
Internally, this pin is connected to VOUT_LCL with a
60.4k precision resistor. Different output voltages can
be programmed with an additional resistor between VFB
and ground pins. In PolyPhase® operation, tying the
VFB pins together allows for parallel operation. See the
Applications Information section for details.
COMP(A11):CurrentControlThresholdandErrorAmplifier
Compensation Point. The current comparator threshold
increases with this control voltage. Tie all COMP pins
together for parallel operation. The device is internally
compensated.
RUN:(A10)RunControlPin.Avoltageabove1.4Vwillturn
on the module. A 5.1V Zener diode to ground is internal
to the module for limiting the voltage on the RUN pin to
5V, and allowing a pull-up resistor to VIN for enabling the
device. Limit current into the RUN pin to ≤ 2mA.
INTVCC: (A7, D9) Internal 5V LDO for Driving the Control
Circuitry and the Power MOSFET Drivers. Both pins are
internallyconnected.The5VLDOhasa100mAcurrentlimit.
EXTVCC (E12): External power input to an internal control
switch allows an external source greater than 4.7V, but
less than 6V to supply IC power and bypass the internal
INTVCC LDO. EXTVCC must be less than VIN at all times
during power-on and power-off sequences. See the Ap-
plications Information section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com